Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 1 Page - OKI electronic componets

Part # M541
Description  262,214-Word x 12-Bit Field Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

M541 Datasheet(HTML) 1 Page - OKI electronic componets

  M541 Datasheet HTML 1Page - OKI electronic componets M541 Datasheet HTML 2Page - OKI electronic componets M541 Datasheet HTML 3Page - OKI electronic componets M541 Datasheet HTML 4Page - OKI electronic componets M541 Datasheet HTML 5Page - OKI electronic componets M541 Datasheet HTML 6Page - OKI electronic componets M541 Datasheet HTML 7Page - OKI electronic componets M541 Datasheet HTML 8Page - OKI electronic componets M541 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
¡ Semiconductor
MSM5412222
1/15
¡ Semiconductor
MSM5412222
262,214-Word
¥ 12-Bit Field Memory
DESCRIPTION
The OKI MSM5412222 is a high performance 3-Mbit, 256K ¥ 12-bit, Field Memory. It is especially
designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs,
VTRs, digital movies and Multi-media systems. MSM5412222 is a FRAM for wide or low end use
in general commodity TVs and VTRs exclusively. MSM5412222 is not designed for high end use
in medical systems, professional graphics systems which require long term picture storage, data
storage systems and others. Two or more MSM5412222s can be cascaded directly without any
delay devices between them. (Cascading provides larger storage depth or a longer delay).
Each of the 12-bit planes has separate serial write and read ports. These employ independent
control clocks to support asynchronous read and write operations. Different clock rates are also
supported, which allow alternate data rates between write and read data streams.
The MSM5412222 provides high speed FIFO, First-In First-Out, operation without external
refreshing: MSM5412222 refreshes its DRAM storage cells automatically, so that it appears fully
static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free
serial access operation, so that serial read and/or write control clock can be halted high or low
for any duration as long as the power is on. Internal conflicts of memory access and refreshing
operations are prevented by special arbitration logic.
The MSM5412222’s function is simple, and similar to a digital delay device whose delay-bit-
length is easily set by reset timing. The delay length, and the number of read delay clocks
between write and read, is determined by externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256 ¥ 12-bit enable high
speed first-bit-access with no clock delay just after the write or read reset timings.
Additionally, the MSM5412222 has a write mask function or input enable function (IE), and read-
data skipping function or output enable function (OE). The differences between write enable
(WE) and input enable (IE), and between read enable (RE) and output enable (OE) are that WE
and RE can stop serial write/read address increments, but IE and OE cannot stop the increment,
when write/read clocking is continuously applied to MSM5412222. The input enable (IE)
function allows the user to write into selected locations of the memory only, leaving the rest of
the memory contents unchanged. This facilitates data processing to display a “picture in picture”
on a TV screen.
The MSM5412222 is similar in operation and functionality to OKI 1-Mbit Field Memory
MSM514222B and 2-Mbit Field Memory MSM518222. Three MSM514222Bs or one MSM514222B
plus one MSM518222 can be replaced simply by one MSM5412222.
This version: Jan. 1998
Previous version: Dec. 1996
E2L0034-17-Y1


Similar Part No. - M541

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M541 MITSUBISHI-M541 Datasheet
196Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
National Semiconductor ...
M541 NSC-M541 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
M541 NSC-M541 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Sanken electric
M541 SANKEN-M541 Datasheet
43Kb / 2P
TO-220F 5A Triac
logo
M/A-COM Technology Solu...
M541 MA-COM-M541 Datasheet
231Kb / 9P
Bonding, Handling, and Mounting Procedures for Chip Diode Devices
More results

Similar Description - M541

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
262,214 Words x 12 Bits FIELD MEMORY
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com