Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 2 Page - OKI electronic componets

Part # M541
Description  262,214-Word x 12-Bit Field Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

M541 Datasheet(HTML) 2 Page - OKI electronic componets

  M541 Datasheet HTML 1Page - OKI electronic componets M541 Datasheet HTML 2Page - OKI electronic componets M541 Datasheet HTML 3Page - OKI electronic componets M541 Datasheet HTML 4Page - OKI electronic componets M541 Datasheet HTML 5Page - OKI electronic componets M541 Datasheet HTML 6Page - OKI electronic componets M541 Datasheet HTML 7Page - OKI electronic componets M541 Datasheet HTML 8Page - OKI electronic componets M541 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
¡ Semiconductor
MSM5412222
2/15
FEATURES
• Single power supply : 5 V
±10%
• 512 Rows ¥ 512 Columns ¥ 12 bits
• Fast FIFO (First-In First-Out) operation
• High speed asynchronous serial access
Read/write cycle time
25 ns/30 ns
Access time
23 ns/25 ns
• Direct cascading capability
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package options:
44-pin 400 mil plastic TSOP (Type II) (TSOPII44-P-400-0.80-K) (Product : MSM5412222-xxTS-K)
40-pin 400 mil plastic SOJ
(SOJ40-P-400-1.27)
(Product : MSM5412222-xxJS)
xx indicates speed rank.
PRODUCT FAMILY
Family
Cycle Time (Min.)
Package
MSM5412222-25TS-K
MSM5412222-30TS-K
MSM5412222-25JS
MSM5412222-30JS
25 ns
30 ns
25 ns
30 ns
400 mil 44-pin TSOP (
II)
400 mil 40-pin SOJ
Access Time (Max.)
23 ns
25 ns
23 ns
25 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com