| Electronic Components Datasheet Search |
|
ADV7311KST Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7311KST Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 84 page ![]() REV. A –2– ADV7310/ADV7311 DETAILED FEATURES High Definition Programmable Features (720p 1080i) 2 Oversampling (148.5 MHz) Internal Test Pattern Generator (Color Hatch, Black Bar, Flat Field/Frame) Fully Programmable YCrCb to RGB Matrix Gamma Correction Programmable Adaptive Filter Control Programmable Sharpness Filter Control CGMS-A (720p/1080i) High Definition Programmable Features (525p/625p) 8 Oversampling (216 MHz Output) Internal Test Pattern Generator (Color Hatch, Black Bar, Flat Frame) Individual Y and PrPb Output Delay Gamma Correction Programmable Adaptive Filter Control Fully Programmable YCrCb to RGB Matrix Undershoot Limiter Macrovision Rev 1.1 (525p/625p)* CGMS-A (525p) Standard Definition Programmable Features 16 Oversampling (216 MHz) Internal Test Pattern Generator (Color Bars, Black Bar) *ADV7310 Only Controlled Edge Rates for Sync, Active Video Individual Y and PrPb Output Delay Gamma Correction Digital Noise Reduction (DNR) Multiple Chroma and Luma Filters Luma-SSAF™ Filter with Programmable Gain/Attenuation PrPb SSAF™ Separate Pedestal Control on Component and Composite/S-Video Output VCR FF/RW Sync Mode Macrovision Rev 7.1.L1* CGMS/WSS Closed Captioning Standards Directly Supported Frame Clk Resolution Rate (Hz) Input (MHz) Standard 720 480 29.97 27 ITU-R BT.656 720 576 25 27 ITU-R BT.656 720 483 59.94 27 SMPTE 293M 720 480 59.94 27 BTA T-1004 720 576 50 27 ITU-R BT.1362 1280 720 60 74.25 SMPTE 296M 1920 1080 30 74.25 SMPTE 274M 1920 1080 25 74.25 SMPTE 274M * Other standards are supported in Async Timing Mode. *SMPTE 274M-1998: System no. 6 DETAILED FUNCTIONAL BLOCK DIAGRAM CLKIN_A P_BLANK P_HSYNC P_VSYNC S_BLANK S_HSYNC S_VSYNC CLKIN_B HD PIXEL INPUT SD PIXEL INPUT DE- INTER- LEAVE Y CB CR TEST PATTERN SHARPNESS AND ADAPTIVE FILTER CONT LUMA AND CHROMA FILTERS ROL Y COLOR CR COLOR CB COLOR 4:2:2 TO 4:4:4 TIMING GENERATOR TIMING GENERATOR DE- INTER- LEAVE Y CB CR TEST PATTERN DNR GAMMA COLOR CONTROL SYNC INSERTION CLOCK CONTROL AND PLL UV SSAF V U PS 8 HDTV 2 RGB MATRIX SD 16 2 OVER- SAMPLING DAC DAC DAC DAC DAC DAC FSC MODULATION CGMS WSS TERMINOLOGY SD Standard Definition Video, conforming to ITU-R BT.601/ITU-R BT.656. HD High Definition Video, i.e., Progressive Scan or HDTV. PS Progressive Scan Video, conforming to SMPTE 293M, ITU-R BT.1358, BTAT-1004EDTV2, or BTA1362. HDTV High Definition Television Video, conforming to SMPTE 274M or SMPTE 296M. YCrCb SD, PS, or HD Component Digital Video. YPrPb SD, PS, or HD Component Analog Video. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |