Electronic Components Datasheet Search
  English  ▼

X  

ADV7311KST Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7311KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311KST Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7311KST Datasheet HTML 15Page - Analog Devices ADV7311KST Datasheet HTML 16Page - Analog Devices ADV7311KST Datasheet HTML 17Page - Analog Devices ADV7311KST Datasheet HTML 18Page - Analog Devices ADV7311KST Datasheet HTML 19Page - Analog Devices ADV7311KST Datasheet HTML 20Page - Analog Devices ADV7311KST Datasheet HTML 21Page - Analog Devices ADV7311KST Datasheet HTML 22Page - Analog Devices ADV7311KST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
REV. A
ADV7310/ADV7311
–19–
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
Reserved
00
Zero must be written to
these bits
20h
0Disabled
1
Enabled
0x11h, Bit 2
must also be
enabled
0Disable Programmable
RGB matrix
1
Enable Programmable RGB
matrix
Sync on RGB
1
0No Sync
1
Sync on all RGB outputs
0RGB component outputs
1YUV component outputs
0No Sync output
1Output SD Syncs on
HSYNC output, VSYNC
output,
BLANK output
HD Sync
0
No Sync output
1Output HD Syncs on
HSYNC output, VSYNC
output,
BLANK output
03h
RGB Matrix 0
xx
LSB for GY
03h
RGB Matrix 1
x
x
LSB for RV
F0h
xx
LSB for BU
xx
LSB for GV
xx
LSB for GU
05h
RGB Matrix 2
x
x
x
x
x
x
x
x
Bit 9–2 for GY
4Eh
06h
RGB Matrix 3
x
x
x
x
x
x
x
x
Bit 9–2 for GU
0Eh
07h
RGB Matrix 4
x
x
x
x
x
x
x
x
Bit 9–2 for GV
24h
08h
RGB Matrix 5
x
x
x
x
x
x
x
x
Bit 9–2 for BU
92h
09h
RGB Matrix 6
x
x
x
x
x
x
x
x
Bit 9–2 for RV
7Ch
0Ah
DAC A, B, C
Output Level
2
Positive Gain to DAC Output
Voltage
000
0
00
000%
00h
00
00
00
01
+0.018%
00
00
00
10
0.036%
………
00
11
11
11
+7.382%
01
00
00
00
+7.5%
Negative Gain to DAC Output
Voltage
11
00
00
00
–7.5%
11
00
00
01
–7.382%
10
00
00
10
–7.364%
…
…….
11
11
11
11
–0.018%
0Bh
DAC D, E, F
Output Level
Positive Gain to DAC Output
Voltage
000
0
00
000%
00h
00
00
00
01
+0.018%
00
00
00
10
0.036%
………
00
11
11
11
+7.382%
01
00
00
00
+7.5%
Negative Gain to DAC Output
Voltage
11
00
00
00
–7.5%
11
00
00
01
–7.382%
10
00
00
10
–7.364%
…
…….
11
11
11
11
–0.018%
0Ch
Reserved
00h
0Dh
Reserved
00h
0Eh
Reserved
00h
0Fh
Reserved
00h
SD Sync
RGB/YUV Output
04h
RGB Matrix
Test Pattern Black Bar
02h
Mode Register 0
NOTES
1For more detail, refer to Appendix 7.
2For more detail on the programmable output levels, refer to the Programmable DAC Gain Control section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com