Electronic Components Datasheet Search
  English  ▼

X  

ACS2T Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # ACS2T
Description  AC Switch TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

ACS2T Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  ACS2T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.2 RMS on-state current vs. case
temperature
Fig.1 Maximum power dissipation vs. RMS
on-state current
3
2
1
0
0
0.5
1
1.5
2
2.5
Fig.3 On-state characteristics
(maximum values)
3
2
1
0
0
25
50
Fig.4 Surge peak on-state current vs.
number of cycles.
0
5
10
15
20
1
10
100
1000
Number of cycles
Fig.5 Relative variation of gate trigger current
versus junction temperature (typical values).
Fig.6 Relative variation of holding current and
latching current versus junction temperature
(typical values).
l [T ] / l [T = 25°C]
GT J
GT J
3.0
2.5
2.0
1.5
1.0
0.5
0.0
140
120
100
80
60
40
20
0
-20
-40
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-40
-20
0
20
40
60
80
100
120
140
l l [T ] / l l [T = 25°C]
H, L J
H, L J
ACS2T Series RoHS
RoHS
l
(A)
T(RMS)
75
100
125
α=180°
TO-251-4R/TO-252-4R/
SOT-223
TO-220F(lns)
TO-92
3
2
1
4
0
0.5
1.0
1.5
2.0
2.5
0
P(W)
IT(RMS)(A)
lTM(A)
T =25°C
J
T =125°C
J
VTM(V)
t=20mS
Full cycle
T (°C)
J
lGT3
l
&l
GT1
GT2
lH
lL
www.nellsemi.com
Page 4 of 7
T (ºC)
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com