Electronic Components Datasheet Search
  English  ▼

X  

ACS2T Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # ACS2T
Description  AC Switch TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

ACS2T Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  ACS2T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACS2T Series RoHS
RoHS
TRIACs, 2A
AC Switch
FEATURES
High noise immunity - static dV/dt
≥ 500 V/µS
High tolerance to external severe application
environment such as EMC
High
voltage blocking capability
APPLICATIONS
ACS2T series triacs provide high dV/dt rate with strong
resistance to electromagnetic interference, intended for
use in AC static switching in appliances and industrial
control systems,driving low power highly inductive loads
like relay, solenoid, pump, fan, and micro-motor
.
ITO-220AB/TO-220F
(
2TxxAF)
ACS
T1(1)
T2(2)
G(3)
TO-92
(
2TxxE)
ACS
2
1
3
SOT-223
(
2TxxS)
ACS
1
2
3
2
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT
2
A
V
mA
10/25
1000
SYMBOL
IT(RMS)
2
SOT-223/TO-251-4R/TO-252-4R
ITSM
Non repetitive surge peak on-state
A
2
I t
2
A s
dI/dt
50
IGM
PG(AV)
PGM
- 40 to + 150
ºC
A/µs
A
A
W
UNIT
VALUE
20
F = 50 Hz
F = 60 Hz
T = 10 ms
p
T = 8.3 ms
p
t = 10 ms
p
F = 100 Hz
T = 80ºC
J
T =80ºC
J
T =125ºC
J
T
< 2µs
p
TJ
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
T = 103°C
C
Tstg
- 40 to + 125
Peak gate power dissipation
Average gate power dissipation
Peak gate current
RMS on-state current (full sine wave)
current (full cycle, T initial = 25°C)
J
2
l t Value for fusing
Critical rate of rise of on-state current
l = 2xl , t ≤100ns
G
GT r
Stroage temperature range
Operating junction temperature range
T = 80ºC
J
Repetitive peak off-state voltage
Repetitive peak reverse voltage
VDRM
VRRM
T = 25ºC
J
1000
V
1
0.1
1
21
2
TO-220F (insulate)
TO-92
T = 90°C
C
T = 100°C
C
www.nellsemi.com
Page 1 of 7
(ACS2TxxF)
(
ACS2TxxG)
1
2
3
2
1
2
3
2
TO-251-4R
(I-PAK)
TO-252-4R
(D-PAK)


Similar Part No. - ACS2T

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ACS200LP AEROTECH-ACS200LP Datasheet
724Kb / 7P
Direct-Drive Rotary Collet Stage
logo
Intersil Corporation
ACS20D INTERSIL-ACS20D Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20DMSR INTERSIL-ACS20DMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20HMSR INTERSIL-ACS20HMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20K INTERSIL-ACS20K Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
More results

Similar Description - ACS2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
AC LINE SWITCH
Oct-2001
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
AC LINE SWITCH
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com