Electronic Components Datasheet Search
  English  ▼

X  

SS320F Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # SS320F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

SS320F Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  SS320F Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd SS320F Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd SS320F Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS32F THRU SS320F
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE:
20 to 200 VOLTS
FORWARD CURRENT:
3.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
SMAF
Flammability Classification 94V-O
· For surface mounted applications
· High current capacity
· Built-in strain relief
· Low profile package
· Metal to silicon rectifier. majority carrier conduction
· High surge capacity
· Low power loss, high efficiency
· For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
· High temperature soldering : 250°C /10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic,SMAF
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
SS32F
SS34F
SS36F
SS38F
SS310F
SS315F
SS320F
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
28
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 3.0A (Note 1)
VF
0.70
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
RθJA
℃
/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Pulse test: 300µs pulse width, 1% duty cycle
2- P.C.B. mounted with 2 x 2” (5 x 5mm) Copper Pad Areas
Dimensions in inches and (millimeters)
IR
I(AV)
IFSM
Typical Thermal Resistance (Note 2)
70
0.95
0.85
0.5
5
0.3
-55 to +150
-55 to +150
Amp
Amp
mAmp
0.55
3.0
80
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com