Electronic Components Datasheet Search
  English  ▼

X  

SS320F Datasheet(PDF) 3 Page - Nantong Hornby Electronic Co.,Ltd

Part # SS320F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

SS320F Datasheet(HTML) 3 Page - Nantong Hornby Electronic Co.,Ltd

  SS320F Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd SS320F Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd SS320F Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS32F THRU SS320F
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
T =75
J
°C
SS32F/SS36F
SS38F-SS320F
0.6
1.2
1.8
2.4
3.0
3.5
0.0
25
50
75
100
125
150
Fig.1 Forward Current Derating Curve
Case Temperature (
°C)
Single phase half-wave 60 Hz
resistive or inductive load
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
SS32F/SS34F
SS34AF/SS38F
SS310F/SS312F
SS315F/SS320F
20
0.01
100
1
10
100
Fig.5- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
10
100
Fig.4 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
60
00
80
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com