Electronic Components Datasheet Search
  English  ▼

X  

LM1875 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM1875
Description  20W AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM1875 Datasheet(HTML) 2 Page - Unisonic Technologies

  LM1875 Datasheet HTML 1Page - Unisonic Technologies LM1875 Datasheet HTML 2Page - Unisonic Technologies LM1875 Datasheet HTML 3Page - Unisonic Technologies LM1875 Datasheet HTML 4Page - Unisonic Technologies LM1875 Datasheet HTML 5Page - Unisonic Technologies LM1875 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTC LM1875
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R107-019,B
TYPICAL APPLICATIONS
+Vcc
C3
C7
+
C1
VIN
R1
1M
R2
22k
-VEE
C4
R4
20k
C6
+
R3 1K
C2
C5
LM1875
+
_
1
2
3
4
5
100μF
0.1μF
2.2μF
22μF
0.22μF
0.1μF
100μF
+
1
R5
4Ω~8Ω
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
Vs
60
V
Input Voltage
VIN
-VEE ~ Vcc
V
Storage Temperature
Tstg
-65 ~ +150
℃
Junction Temperature
TJ
150
℃
Lead Temperature(Soldering,10 seconds)
TL
260
℃
THERMAL DATA
DESCRIPTION
SYMBOL
RATING
UNIT
Thermal Resistance, Junction-case
θJC
3
℃
/W
Thermal Resistance, Junction-ambient
θJA
73
℃
/W
ELECTRICAL CHARACTERISTICS
Vcc=+25V,-VEE=-25V,TAMBIENT=25℃,RL=8Ω,Av=20(26dB),fo=1kHz,unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
Vs
POUT=0W
70
100
mA
Output Power(Note 1)
Po
THD=1%
25
W
Total Harmonic Distortion
(Note 1)
THD
POUT=20W,fo=1kHz
POUT =20W, fo =20kHz
POUT =20W,RL=4Ω,fo=1kHz
POUT =20W,RL=4Ω,fo=20kHz
0.015
0.05
0.022
0.07
0.4
0.6
%
Offset Voltage
Vos
±1
±15
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com