Electronic Components Datasheet Search
  English  ▼

X  

LM1875 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM1875
Description  20W AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM1875 Datasheet(HTML) 4 Page - Unisonic Technologies

  LM1875 Datasheet HTML 1Page - Unisonic Technologies LM1875 Datasheet HTML 2Page - Unisonic Technologies LM1875 Datasheet HTML 3Page - Unisonic Technologies LM1875 Datasheet HTML 4Page - Unisonic Technologies LM1875 Datasheet HTML 5Page - Unisonic Technologies LM1875 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UTC LM1875
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
4
QW-R107-019,B
TYPICAL PERFORMANCE CHARACTERISTICS
40
Device Dissipation vs Ambient Temperature
80
20
60
100
0
40
45
TA - AMBIENT TEMPERATURE(℃)
35
30
25
20
15
10
5
0
120 140 160
INFINITE HEAT SINK
1℃/W HEAT SINK
2℃/W
HEAT SINK
5℃/W
HEAT SINK
10℃/W HEAT SINK
INTERFACE=1℃/W
See Application Hints.
20
100
PSRR vs Frequency
500
50
200
1K
0
90
100
FREQUENCY(Hz)
80
70
60
50
40
30
20
10
2K 5K10K 20K
RS=0
RL=4
1 Vrms
POSITIVE SUPPLY
NEGATIVE SUPPLY
INPUT REFERRED
0.1
THD vs Power Output
1.0
0.01
0.1
POWER OUTPUT(W)
1.0
10
100
20
100
THD vs Supply Voltage
500
50
200
1K
0
0.09
0.1
FREQUENCY(Hz)
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
2K
5K 10K 20K
Vs=+25V
PD=10W
RL=4Ω
RL=8Ω
010
20
Power Output vs Supply Voltage
15
15
5
20
25
0
25
30
35
RL=8Ω
THD=1%
10
5
30
SUPPLY VOLTAGE(+V)
010
60
Supply Current vs Supply Voltage
15
5
20
25
0
80
100
40
20
30
SUPPLY VOLTAGE(±V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com