Electronic Components Datasheet Search
  English  ▼

X  

TA470FD Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # TA470FD
Description  SAW Filter 470.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA470FD Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  TA470FD Datasheet HTML 1Page - Golledge Electronics Ltd TA470FD Datasheet HTML 2Page - Golledge Electronics Ltd TA470FD Datasheet HTML 3Page - Golledge Electronics Ltd TA470FD Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 470.0MHz
Model: TA470FD
Part No: MA05696
REV. NO.: 1
TA470FD v1
3
D. MEASUREMENT CIRCUIT:
Network analyzer
50Ω
L
L
#2
#6
#1,3,5,7
50Ω
50Ω
50Ω
SAW Filter
E. OUTLINE DRAWING:
#2: INPUT
#6: output
#1,3,4,5,7,8: GROUND
UNIT: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com