Electronic Components Datasheet Search
  English  ▼

X  

TA470FD Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA470FD
Description  SAW Filter 470.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA470FD Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA470FD Datasheet HTML 1Page - Golledge Electronics Ltd TA470FD Datasheet HTML 2Page - Golledge Electronics Ltd TA470FD Datasheet HTML 3Page - Golledge Electronics Ltd TA470FD Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 470.0MHz
Model: TA470FD
Part No: MA05696
REV. NO.: 1
TA470FD v1
1
A. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC voltage: 10 V
3. Operating Temperature: -10
°C to +50°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Specification
Note
Center frequency FC (MHz)
470
1
I.L. (Within FC
± 2 MHz) (dB )
4.0 max.
Ripple( Within FC
± 2MHz) (dB )
2.0 max.
1
Attenuation:( Ref level from 0 dB) (dB )
FC - 100MHz to -45MHz (dB )
45 min.
1
FC +45MHz to + 100MHz (dB )
50 min.
Impedance at FC ; Input ZIN =RIN//CIN
50
Ω // 0PF
2
Output ZOUT =ROUT//COUT
50
Ω // 0PF
2
Note1. The standard definitions is in JIS C 6703
Note2.
Z
IN =50 Ω // 0pF
Z
OUT =50 Ω // 0pF
Source impedance
50
Ω
Load impedance
50
Ω


Similar Part No. - TA470FD

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA470FD TAI-SAW-TA470FD Datasheet
228Kb / 5P
SAW Filter 470 MHz
More results

Similar Description - TA470FD

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com