Electronic Components Datasheet Search
  English  ▼

X  

CS42516 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 47Page - Cirrus Logic CS42516 Datasheet HTML 48Page - Cirrus Logic CS42516 Datasheet HTML 49Page - Cirrus Logic CS42516 Datasheet HTML 50Page - Cirrus Logic CS42516 Datasheet HTML 51Page - Cirrus Logic CS42516 Datasheet HTML 52Page - Cirrus Logic CS42516 Datasheet HTML 53Page - Cirrus Logic CS42516 Datasheet HTML 54Page - Cirrus Logic CS42516 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
DS583F1
51
CS42516
6.5.4
SAI RIGHT-JUSTIFIED BITS (SAI_RJ16)
Default = 0
Function:
This bit determines how many bits to use during right-justified mode for the Serial Audio Interface
Port. By default the receiver will be in RJ24 bits but can be set to RJ16 bits.
0 - 24 bit mode.
1 - 16 bit mode.
6.5.5
CODEC RIGHT-JUSTIFIED BITS (CODEC_RJ16)
Default = 0
Function:
This bit determines how many bits to use during Right-Justified Mode for the DAC and ADC within
the CODEC Serial Port. By default, the DAC and ADC will be in RJ24 bits, but can be set to RJ16 bits.
0 - 24 bit mode.
1 - 16 bit mode.
6.6
Misc Control (address 05h)
6.6.1
EXTERNAL ADC SCLK SELECT (EXT ADC SCLK)
Default = 0
Function:
This bit identifies the SCLK source for the external ADCs attached to the ADCIN1/2 ports when using
One-Line Mode of operation.
0 - SAI_SCLK is used as external ADC SCLK.
1 - CX_SCLK is used as external ADC SCLK.
6.6.2
RMCK HIGH IMPEDANCE (HIZ_RMCK)
Default = 0
Function:
This bit is used to create a high-impedance output on RMCK when the clock signal is not required.
7
6
5
432
10
Ext ADC SCLK
HiZ_RMCK
Reserved
FREEZE
FILT_SEL
HPF_FREEZE
CODEC_SP
M/S
SAI_SP
M/S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com