Electronic Components Datasheet Search
  English  ▼

X  

CS42516 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 62Page - Cirrus Logic CS42516 Datasheet HTML 63Page - Cirrus Logic CS42516 Datasheet HTML 64Page - Cirrus Logic CS42516 Datasheet HTML 65Page - Cirrus Logic CS42516 Datasheet HTML 66Page - Cirrus Logic CS42516 Datasheet HTML 67Page - Cirrus Logic CS42516 Datasheet HTML 68Page - Cirrus Logic CS42516 Datasheet HTML 69Page - Cirrus Logic CS42516 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
66
DS583F1
CS42516
6.23.3 C-DATA BUFFER CONTROL (CAM)
Default = 0
0 - One byte mode
1 - Two byte mode
Function:
Sets the C-data buffer control port access mode.
6.23.4 CHANNEL SELECT (CHS)
Default = 0
Function:
When set to ‘0’, channel A information is displayed in the receiver channel status register. Channel A
information is output during control port reads when CAM is set to ‘0’ (one byte mode).
When set to ‘1’, channel B information is displayed in the receiver channel status register. Channel B
information is output during control port reads when CAM is set to ‘0’ (one byte mode).
6.24
Receiver Channel Status (address 25h) (Read Only)
The bits in this register can be associated with either channel A or B of the received data. The desired channel is
selected with the CHS bit of the Channel Status Data Buffer Control register.
6.24.1 AUXILIARY DATA WIDTH (AUXX)
Default = xxxx
Function:
Displays the incoming auxiliary data field width, as indicated by the incoming channel status bits, de-
coded according to IEC60958.
6.24.2 CHANNEL STATUS BLOCK FORMAT (PRO)
Default = x
Function:
Indicates the channel status block format.
76
543
21
0
AUX3
AUX2
AUX1
AUX0
PRO
AUDIO
COPY
ORIG
AUX3
AUX2
AUX1
AUX0
Description
0
0
0
0
Auxiliary data is not present
0
0
0
1
Auxiliary data is 1 bit long
0
0
1
0
Auxiliary data is 2 bit long
0
0
1
1
Auxiliary data is 3 bit long
0
1
0
0
Auxiliary data is 4 bit long
0
1
0
1
Auxiliary data is 5 bit long
0
1
1
0
Auxiliary data is 6 bit long
0
1
1
1
Auxiliary data is 7 bit long
1
0
0
0
Auxiliary data is 8 bit long
1
0
0
1
1001 - 1111 is Reserved
Table 20. Auxiliary Data Width Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com