Electronic Components Datasheet Search
  English  ▼

X  

MSM548262 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM548262
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM548262 Datasheet HTML 1Page - OKI electronic componets MSM548262 Datasheet HTML 2Page - OKI electronic componets MSM548262 Datasheet HTML 3Page - OKI electronic componets MSM548262 Datasheet HTML 4Page - OKI electronic componets MSM548262 Datasheet HTML 5Page - OKI electronic componets MSM548262 Datasheet HTML 6Page - OKI electronic componets MSM548262 Datasheet HTML 7Page - OKI electronic componets MSM548262 Datasheet HTML 8Page - OKI electronic componets MSM548262 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
¡ Semiconductor
MSM548262
5/37
DC Characteristics 2
-60
-70
-80
Unit Note
Symbol
Item (RAM)
SAM
Max. Max. Max.
95
85
75
mA
3, 4
ICC1
Operating Current
Standby
140
130
120
17
(RAS, CAS Cycling, tRC = tRC min.)
Active
888
Standby Current
60
55
50
3, 4
(RAS, CAS = VIH)
95
85
75
3, 4
RAS Only Refresh Current
140
130
120
17
(RAS Cycling, CAS = VIH, tRC = tRC min.)
75
70
65
3, 4
Page Mode Current
140
130
120
18
(RAS = VIL, CAS Cycling, tPC = tPC min.)
95
85
75
3, 4
CAS before RAS Refresh Current
140
130
120
3, 4
(RAS Cycling, CAS before RAS, tRC = tRCmin.)
95
85
75
3, 4
Data Transfer Current
140
130
120
17
(RAS, CAS Cycling, tRC = tRC min.)
95
85
75
3, 4
Flash Write Current
140
130
120
3, 4
(RAS, CAS Cycling, tRC = tRC min.)
95
85
75
3, 4
Block Write Current
140
130
120
3, 4
(RAS, CAS Cycling, tRC = tRC min.)
ICC1A
ICC2
ICC2A
ICC3
ICC3A
ICC4
ICC4A
ICC5
ICC5A
ICC6
ICC6A
ICC7
ICC7A
ICC8
ICC8A
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
(VCC = 5 V ±10%, Ta = 0°C to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com