Electronic Components Datasheet Search
  English  ▼

X  

MSM548262 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM548262
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM548262 Datasheet HTML 1Page - OKI electronic componets MSM548262 Datasheet HTML 2Page - OKI electronic componets MSM548262 Datasheet HTML 3Page - OKI electronic componets MSM548262 Datasheet HTML 4Page - OKI electronic componets MSM548262 Datasheet HTML 5Page - OKI electronic componets MSM548262 Datasheet HTML 6Page - OKI electronic componets MSM548262 Datasheet HTML 7Page - OKI electronic componets MSM548262 Datasheet HTML 8Page - OKI electronic componets MSM548262 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
¡ Semiconductor
MSM548262
1/37
¡ Semiconductor
MSM548262
262,144-Word
¥ 8-Bit Multiport DRAM
DESCRIPTION
The MSM548262 is a 2-Mbit CMOS multiport DRAM composed of a 262,144-word by 8-bit
dynamic RAM, and a 512-word by 8-bit SAM. Its RAM and SAM operate independently and
asynchronously.
It supports three types of operations: random access to RAM port, high speed serial access to
SAM port, and bidirectional transfer of data between any selected row in the RAM port and the
SAM port. In addition to the conventional multiport DRAM operating modes, the MSM548262
features block write, flash write functions on the RAM port and a split data transfer capability
on the SAM port. The SAM port requires no refresh operation because it uses static CMOS flip-
flops.
FEATURES
• Single power supply: 5 V
±10%
• Full TTL compatibility
• Multiport organization
RAM : 256K word ¥ 8 bits
SAM : 512 word ¥ 8 bits
• Fast page mode
• Write per bit
• Masked flash write
• Masked block write
• Package options:
40-pin 400 mil plastic SOJ
(SOJ40-P-400-1.27)
(Product : MSM548262-xxJS)
44/40-pin 400 mil plastic TSOP (Type II)(TSOPII44/40-P-400-0.80-K)(Product : MSM548262-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
• RAS only refresh
• CAS before RAS refresh
• Hidden refresh
• Serial read/write
• 512 tap location
• Bidirectional data transfer
• Split transfer
• Masked write transfer
• Refresh: 512 cycles/8 ms
Access Time
Cycle Time
Power Dissipation
RAM
RAM
Operating
Standby
SAM
SAM
60 ns
120 ns
140 mA
8 mA
17 ns
22 ns
70 ns
140 ns
130 mA
8 mA
17 ns
22 ns
80 ns
150 ns
120 mA
8 mA
20 ns
25 ns
Family
MSM548262-60
MSM548262-70
MSM548262-80
E2L0016-17-Y1
This version: Jan. 1998
Previous version: Dec. 1996


Similar Part No. - MSM548262

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
262,144-Word x 8-Bit Multiport DRAM
More results

Similar Description - MSM548262

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
262,144-Word x 4-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416273 OKI-MSM5416273 Datasheet
391Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com