Electronic Components Datasheet Search
  English  ▼

X  

MSM548263 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM548263
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548263 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM548263 Datasheet HTML 2Page - OKI electronic componets MSM548263 Datasheet HTML 3Page - OKI electronic componets MSM548263 Datasheet HTML 4Page - OKI electronic componets MSM548263 Datasheet HTML 5Page - OKI electronic componets MSM548263 Datasheet HTML 6Page - OKI electronic componets MSM548263 Datasheet HTML 7Page - OKI electronic componets MSM548263 Datasheet HTML 8Page - OKI electronic componets MSM548263 Datasheet HTML 9Page - OKI electronic componets MSM548263 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
¡ Semiconductor
MSM548263
6/40
AC Characteristics (1/3)
Parameter
Symbol
Note
Unit
ns
150
140
—
120
ns
40
35
30
—
ns
25
20
15
—
ns
45
40
35
—
ns
35
3
35
3
35
3
ns
100k
80
100k
70
100k
60
tRC
tPRWC
tAA
tCAC
tCPA
tRASP
tCAS
tRCD
Max.
Min.
Max.
Min.
Max.
Min.
-80
-70
-60
ns
90
90
—
85
ns
10k
25
10k
20
10k
15
14
20
20
20
ns
50
45
—
40
tPC
tRAC
ns
80
70
60
—
10
ns
20
0
20
0
15
0
tOFF
ns
—
60
—
60
—
50
ns
—
25
—
20
—
15
tRSH
ns
—
80
—
70
—
60
tCSH
tT
tRP
ns
10k
80
10k
70
10k
60
tRAS
tRAD
14
15
15
15
tASR
0
0
0
tRAH
10
10
10
tASC
0
0
0
tCAH
12
10
10
tAR
55
55
50
tRCS
0
0
0
tRCH
11
0
0
0
tRRH
11
0
0
0
tWCS
0
0
0
tWCH
15
12
10
tWCR
55
55
50
tWP
15
12
10
tRWL
20
20
15
tCWL
20
20
15
8, 14
8, 15
8, 15
8, 14
7
ns
55
50
45
ns
40
35
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
195
185
—
170
tRWC
tCRL
0
0
0
ns
tRCL
0
0
0
ns
tCOH
5
5
5
ns
tRAL
tCRP
ns
—
40
—
35
—
30
10
10
10
tCP
10
10
10
ns
ns
19
13
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Access Time from Column Address
Column Address Hold Time referenced to RAS
Column Address Set-up Time
Row Address Set-up Time
Access Time from CAS
Column Address Hold Time
CAS Pulse Width
CAS Precharge Time (Fast Page Mode)
Access Time from CAS Precharge
CAS to RAS Precharge Time
CAS Hold Time
Write Command to CAS Lead Time
Output Buffer Turn-off Delay
CAS "H" to RAS "H" Lead Time
RAS "H" to CAS "H" Lead Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write Cycle Time
Row Address Hold Time
RAS Pulse Width (Fast Page Mode Only)
Random Read or Write Cycle Time
RAS to CAS Delay Time
Read Command Hold Time
Read Command Set-up Time
Read Modify Write Cycle
RAS Precharge Time
Read Command Hold Time referenced to RAS
Write Command to RAS Lead Time
Access Time from RAS
RAS to Column Address Delay Time
Column Address to RAS Lead Time
RAS Pulse Width
RAS Hold Time
Transition Time (Rise and Fall)
Write Command Hold Time referenced to RAS
Write Command Set-up Time
Write Command Pulse Width
Write Command Hold Time
Data Output Hold after CAS Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com