Electronic Components Datasheet Search
  English  ▼

X  

MSM548263 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM548263
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548263 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM548263 Datasheet HTML 4Page - OKI electronic componets MSM548263 Datasheet HTML 5Page - OKI electronic componets MSM548263 Datasheet HTML 6Page - OKI electronic componets MSM548263 Datasheet HTML 7Page - OKI electronic componets MSM548263 Datasheet HTML 8Page - OKI electronic componets MSM548263 Datasheet HTML 9Page - OKI electronic componets MSM548263 Datasheet HTML 10Page - OKI electronic componets MSM548263 Datasheet HTML 11Page - OKI electronic componets MSM548263 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
¡ Semiconductor
MSM548263
8/40
AC Characteristics (3/3)
Parameter
Symbol
Note
Unit
ns
7
5
5
ns
20
17
17
ns
5
5
5
ns
10
10
10
ns
30
25
25
tSCC
tSCP
tSCA
tSOH
tSTS
tTQD
tCQD
Max.
Min.
Max.
Min.
Max.
Min.
-80
-70
-60
ns
25
22
22
ns
25
25
25
tSC
ns
7
5
5
9
ns
20
—
17
17
tSEA
ns
10
10
10
ns
30
25
25
tSTH
ns
25
25
25
tSQD
tSE
tSEP
ns
20
0
20
0
20
0
tSEZ
tRQD
tSZE
0
0
0
tSZS
0
0
0
tSWS
0
0
0
tSWH
12
10
10
tSWIS
0
0
0
tSWIH
12
10
10
9
19
10
ns
35
35
30
ns
75
75
70
ns
ns
ns
ns
ns
ns
tSDD
tSDS
ns
40
40
30
0
0
0
tSDH
12
10
10
ns
ns
Access Time from SC
SC-QSF Delay Time
SC Pulse Width (SC High Time)
SC Cycle Time
SC Precharge Time (SC Low Time)
RAS to Serial Input Delay Time
Split Transfer Hold Time
Split Transfer Set-up Time
SE Pulse Width
Access Time from SE
SE Precharge Time
Serial Write Disable Hold Time
Serial Write Disable Set-up Time
Serial Write Enable Set-up Time
Serial Input to SE Delay Time
Serial Input to First SC Delay Time
Serial Output Buffer Turn-off Delay from SE
Serial Output Hold Time from SC
Serial Write Enable Hold Time
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
TRG-QSF Delay Time
CAS-QSF Delay Time
RAS-QSF Delay Time
Serial Input Hold Time
Serial Input Set-up Time
ns
—
15
—
15
—
15
tTSD
ns
40
10
40
10
30
10
tSDZ
ns
25
25
20
tSRS
10
Serial Output Buffer Turn-off Delay from RAS
TRG to First SC Delay Time (Read Transfer)
Last SC to RAS Set-up Time (Serial Input)
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com