Electronic Components Datasheet Search
  English  ▼

X  

B002-DP2AC4 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B002-DP2AC4
Description  Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B002-DP2AC4 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B002-DP2AC4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED Indicators
(x4) GREEN / PORT SELECTION, (x4) BLUE / CAC/EDID (PUSH-BUTTON), (x2) GREEN / VIDEO CONSOLE, (x1)
GREEN / CAC CONSOLE
PHYSICAL
Unit Packaging Type
Box
Unit Dimensions (hwd / in.)
2.7 x 12.57 x 6.7
Unit Dimensions (hwd / cm)
6.86 x 31.93 x 17.02
Unit Weight (lbs.)
3
Unit Weight (kg)
1.36
Color
Black
Rackmountable
No
ENVIRONMENTAL
Operating Temperature Range
32 to 104 F (0 to 40 C)
Storage Temperature Range
4 to 140 F (-20 to 60 C)
Relative Humidity
0% to 80%, Non-Condensing
COMMUNICATIONS
IP Remote Access
No
CONNECTIONS
Ports
4
PC/Server Connections
DisplayPort; USB
Side A - Connector 1
3.5MM (FEMALE)
Side A - Connector 2
(2) DISPLAYPORT (FEMALE)
Side A - Connector 3
(3) USB A (FEMALE)
Side B - Connector 1
3.5MM (FEMALE)
Side B - Connector 2
(2) DISPLAYPORT (FEMALE)
Side B - Connector 3
(2) USB B (FEMALE)
Computer Keyboard and Mouse
Interface
USB
Computer Monitor Interface
Displayport
Console Keyboard and Mouse
Interface
USB
Console Monitor Interface
Displayport
FEATURES & SPECIFICATIONS
Number of Users
1
NIAP-Certified Secure
Yes
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com