Electronic Components Datasheet Search
  English  ▼

X  

B002-DP2AC4 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B002-DP2AC4
Description  Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B002-DP2AC4 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B002-DP2AC4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Secure KVM Switch, Dual Monitor, DisplayPort to
DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
MODEL NUMBER: B002-DP2AC4
NIAP-certified KVM switch lets you switch between 4 computers with government- and military-level
security and data protection.
Features
4-Port KVM Switch, DisplayPort, Is Ideal for Applications That Demand Secure Networks
This DisplayPort KVM switch with 4K is recommended for any government, military, financial or healthcare
environment where tight security of sensitive data is of utmost importance in a world of constantly
changing cyberthreats. Each KVM port is an electronically isolated channel, making it impossible for data
to be transferred between connected computers through the KVM. The dual-monitor DisplayPort KVM
switch supports crystal-clear UHD video resolutions up to 3840 x 2160 (4K x 2K) at 30 Hz.
NIAP PP3.0 Certified to Meet Today’s Top Information Assurance Standards
This KVM switch is certified by NIAP (National Information Assurance Partnership), which is operated by
the National Security Agency (NSA), to the latest Common Criteria Protection Profile for Peripheral
Sharing Switches Version 3.0. Discrete processing paths to each connected system prevent data leakage,
transfer and crosstalk between adjacent ports. Peripheral isolation enables data to flow from device to
host only.
Top-of-the-Line Security Features Keep Your Data Safe
Special protection prevents re-programming or re-reading firmware, so the switch’s KVM logic remains
unaltered. The keyboard buffer clears automatically after data transmission, ensuring no information is left
stored. Plus, you can only access connected computers via buttons on the switch’s panel. Other port-
switching methods, such as On-Screen Display (OSD) and Hotkey Commands, have been excluded to
further ensure data integrity.
CAC Port Supports Biometric and Other Smart Card Readers
The Common Access Card port supports smart cards, scanners and biometric readers, including
fingerprint readers, to bolster security. You may assign and register specific peripherals to the CAC port,
providing a secure connection for user authentication.
Anti-Tampering Protection Prevents Physical Breeches
If the housing is opened, internal anti-tamper switches will disable the unit, causing it to become
inoperable and the front-panel LEDs to flash repeatedly. Seals on the enclosure will provide visual
evidence of tampering.
Maintains Constant Keyboard and Mouse Emulation for Smooth No-Delay Switching
Highlights
Safely and securely switches
between 4 isolated computers
with different security levels
q
Certified to NIAP/Common
Criteria Protection Profile for
Peripheral Sharing Switches
V3.0
q
Common Access Card (CAC)
port supports biometric and
other smart card readers
q
Supports UHD resolutions up to
3840 x 2160 (@ 30 Hz) for
crystal-clear 4K x 2K video
q
Dual-monitor support enables
multitasking and generates
increased productivity
q
Applications
Control up to 4 computers with
different security levels from a
single monitor/keyboard/mouse
q
Operate smart cards, scanners,
fingerprint readers and other
biometric devices via the CAC
port
q
Protect private information, such
as medical or military
intelligence data, from
cyberattacks
q
System Requirements
DisplayPort monitors
q
Wired USB mouse/keyboard
with no internal hub or
composite device functions
(wireless mouse/keyboard not
supported)
q
Computer with DisplayPorts and
q
1 / 4


Similar Part No. - B002-DP2AC4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B002-DP2AC4-N4 TRIPPLITE-B002-DP2AC4-N4 Datasheet
41Kb / 4P
Secure KVM Switch, 4-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
More results

Similar Description - B002-DP2AC4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B002-DP1A4 TRIPPLITE-B002-DP1A4 Datasheet
159Kb / 4P
Secure KVM Switch, DisplayPort to DisplayPort -4 Ports, 4K, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DP2A4 TRIPPLITE-B002-DP2A4 Datasheet
161Kb / 4P
Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0 Certified, Audio
B002-DV1A4 TRIPPLITE-B002-DV1A4 Datasheet
160Kb / 4P
Secure KVM Switch, DVI to DVI - 4-Port, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DV1AC8 TRIPPLITE-B002-DV1AC8 Datasheet
159Kb / 4P
Secure KVM Switch, DVI to DVI - 8-Port, NIAP PP3.0 Certified, Audio, CAC Support, Single Monitor
B002-DP1A4-N4 TRIPPLITE-B002-DP1A4-N4 Datasheet
39Kb / 4P
Secure KVM Switch, 4-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
B002-DP1AC4-N4 TRIPPLITE-B002-DP1AC4-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 4-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DP1AC8-N4 TRIPPLITE-B002-DP1AC8-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 8-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DP2A2-N4 TRIPPLITE-B002-DP2A2-N4 Datasheet
41Kb / 4P
Secure KVM Switch, 2-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
B002-DP2AC2-N4 TRIPPLITE-B002-DP2AC2-N4 Datasheet
41Kb / 4P
Secure KVM Switch, 2-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DP2AC4-N4 TRIPPLITE-B002-DP2AC4-N4 Datasheet
41Kb / 4P
Secure KVM Switch, 4-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com