Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KE Datasheet(PDF) 39 Page - Altera Corporation

Part # FLEX10KE
Description  Embedded Programmable Logic Device
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KE Datasheet(HTML) 39 Page - Altera Corporation

Back Button FLEX10KE Datasheet HTML 35Page - Altera Corporation FLEX10KE Datasheet HTML 36Page - Altera Corporation FLEX10KE Datasheet HTML 37Page - Altera Corporation FLEX10KE Datasheet HTML 38Page - Altera Corporation FLEX10KE Datasheet HTML 39Page - Altera Corporation FLEX10KE Datasheet HTML 40Page - Altera Corporation FLEX10KE Datasheet HTML 41Page - Altera Corporation FLEX10KE Datasheet HTML 42Page - Altera Corporation FLEX10KE Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Altera Corporation
39
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
ClockLock & ClockBoost Timing Parameters
For the ClockLock and ClockBoost circuitry to function properly, the
incoming clock must meet certain requirements. If these specifications are
not met, the circuitry may not lock onto the incoming clock, which
generates an erroneous clock within the device. The clock generated by
the ClockLock and ClockBoost circuitry must also meet certain
specifications. If the incoming clock meets these requirements during
configuration, the ClockLock and ClockBoost circuitry will lock onto the
clock during configuration. The circuit will be ready for use immediately
after configuration. Figure 19 shows the incoming and generated clock
specifications.
Figure 19. Specifications for Incoming & Generated Clocks
The tI parameter refers to the nominal input clock period; the tO parameter refers to the
nominal output clock period.
tR
tF
tCLK1
tINDUTY
tI ± fCLKDEV
tI
tI ± tINCLKSTB
tOUTDUTY
tO
tO + tJITTER
tO – tJITTER
Input
Clock
ClockLock-
Generated
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com