Electronic Components Datasheet Search
  English  ▼

X  

MSM548332 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM548332
Description  278,400-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548332 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM548332 Datasheet HTML 1Page - OKI electronic componets MSM548332 Datasheet HTML 2Page - OKI electronic componets MSM548332 Datasheet HTML 3Page - OKI electronic componets MSM548332 Datasheet HTML 4Page - OKI electronic componets MSM548332 Datasheet HTML 5Page - OKI electronic componets MSM548332 Datasheet HTML 6Page - OKI electronic componets MSM548332 Datasheet HTML 7Page - OKI electronic componets MSM548332 Datasheet HTML 8Page - OKI electronic componets MSM548332 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
¡ Semiconductor
MSM548332
5/23
PIN FUNCTION
READ RELATED
RCLK : Read Clock
RCLK is the read control clock input. Synchronized with RCLK's rising edge, serial read access from
read ports is executed when both RE and OE are high.
The internal counter for the serial read address is incremented automatically on the rising edge of
RCLK. In a read address set cycle, all the read address bits which were input from RXAD pin are
stored into internal address registers synchronized with RCLK. In this address set cycle, RADE/RX
must be held high and RR must be held low.
In the read address reset cycle, various read address reset modes can be set synchronously with
RCLK. These reset cycles work to replace complicated serial address control which requires many
RCLK clocks with a simple reset cycle control requiring only a single RCLK cycle. It greatly facilitates
memory access.
RE : Read Enable
RE is a read enable clock input. RE enables or disables both internal read address pointers and data-
out buffers. When RE is high, the internal read address pointer is incremented synchronously with
RCLK. When RE is low, even if the RCLK is input, the internal read address pointer is not
incremented.
OE : Output Enable
OE is an output enable clock input. OE enables or disables data-outs. OE high level enables the
outputs. The internal read address pointer is always incremented by cycling RCLK regardless of OE
level.
DO0-11 : Data-Outs
DO0-11 are serial data-outs. Data is output synchronously with RCLK when OE is high. The output
enable/disableoperationthroughOEinputisperformedsynchronouslywithOEandasynchronously
with RCLK.
RR : Read Reset
RR is a read reset control input. Read address reset modes are defined when RR level is high
according to the "FUNCTION TABLE for read".
RXINC : Read X Address Increment
RXINC is a read X address (or line address) increment control input. In the read address reset cycle,
defined by RR high, the X address (or line address) is incremented by 1 when RXINC is pulled high
with RADE/RX low.
RADE/RX : Read Address Enable/Read X Address Reset Logic Function
RADE/RX is a dual function control input. RADE, one of the two functions of RADE/RX, is a read
address enable input. In the read address set cycle, defined by RR high, X address (or line address)
input from the RXAD pin are latched into internal read X address register synchronously with RCLK.
RX, the second function of RADE/RX, works as an element to set read X address (or line address)
reset mode. In an address reset mode cycle, defined by RR high, read X address is reset to 0 when
RADE/RX is pulled high with RXINC low.
RXAD : Read X Address
RXAD is a read X address (or line address) input. RXAD specifies the line address. 9 bits of read X
address data are input serially from RXAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com