Electronic Components Datasheet Search
  English  ▼

X  

MSM548332 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM548332
Description  278,400-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548332 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM548332 Datasheet HTML 5Page - OKI electronic componets MSM548332 Datasheet HTML 6Page - OKI electronic componets MSM548332 Datasheet HTML 7Page - OKI electronic componets MSM548332 Datasheet HTML 8Page - OKI electronic componets MSM548332 Datasheet HTML 9Page - OKI electronic componets MSM548332 Datasheet HTML 10Page - OKI electronic componets MSM548332 Datasheet HTML 11Page - OKI electronic componets MSM548332 Datasheet HTML 12Page - OKI electronic componets MSM548332 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
¡ Semiconductor
MSM548332
9/23
access can be achieved independently from read initial address reset cycles.
Input addresses are stored into address registers which are connected with address counter which
controls address pointer operation. In the serial access operation, the input address into the address
registers are kept.
Serial write data input enable time tSWE and serial read port read enable time tSRE must be kept for
starting serial read or write just after the initial read or write address reset cycles.
Refer to the "FUNCTION TABLE" shown later.
1. Line hold operation (read only)
By the "Line hold operation" logic which is composed by a combination of control inputs' level,
access is executed starting from the first word on the current line.
2. Original address reset operation
By the "Original address reset" logic, the address counter is reset to (0,0). After the reset mode,
serial access starts from the address (0,0) .
The address counter is reset by this reset mode but the address register, which stored input
addressinthepreviousaddressresetcycleoraddresssetcycle,isnotreset.Thenon-initialized
address can be used as a preset address in "address jump reset" mode.
3. Line increment operation
By the "Line increment operation" logic, the X address counter is incremented by one from the
current X address. That is, serial access from the Y = (0) on the next line is enabled.
4. Address jump operation
By the "Address jump operation" logic, a jump may be caused to the initialized line address.
Note : During one reset setting cycle, a plurality of resets cannot be set.
Power ON
Power must be applied to RCLK, RE, OE, WCLK, WE and IE input signals to pull them "Low" before
or when the VCC supply is turned on.
After power-up, the device is designed to begin proper operation in at least 200 ms after VCC has
reached the specified voltage. After 200 ms, a minimum of one line dummy write operation and read
operation is required according to the address setting mode, because the read and write address
pointers are not valid after power-up.
New Data Read Access
In order to read out "new data', the delay between the beginning of a write address setting cycle and
read address setting cycle must be at least two lines.
Old Data Read Access
In order to read out "old data", the delay between the beginning of a write address setting cycle and
read address setting cycle must be more than 0 but less than a half line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com