Electronic Components Datasheet Search
  English  ▼

X  

MP05083 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05083
Description  Dual SAW Filter 390.0MHz/420.0MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05083 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05083 Datasheet HTML 1Page - Golledge Electronics Ltd MP05083 Datasheet HTML 2Page - Golledge Electronics Ltd MP05083 Datasheet HTML 3Page - Golledge Electronics Ltd MP05083 Datasheet HTML 4Page - Golledge Electronics Ltd MP05083 Datasheet HTML 5Page - Golledge Electronics Ltd MP05083 Datasheet HTML 6Page - Golledge Electronics Ltd MP05083 Datasheet HTML 7Page - Golledge Electronics Ltd MP05083 Datasheet HTML 8Page - Golledge Electronics Ltd MP05083 Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
Dual SAW Filter 390.0MHz/420.0MHz
Model: TE0115A
Part No: MP05083
Rev No: 1
TE0115A v1
1
A. MAXIMUM RATING OF FILTER 1:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 12dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS OF FILTER 1:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
390
-
-
Insertion Loss (380 ~ 400 MHz) IL
dB
-
2
3.3
-
Amplitude Ripple (380 ~ 400MHz)
dB
-
0.7
2.3
-
Return Loss (380 ~ 400MHz)
dB
8
10
-
-
Attenuation (Reference level from 0dB)
0.1 ~ 150MHz
dB
35
52
-
-
190 ~ 275MHz
dB
30
56
-
-
275 ~ 287MHz
dB
33
56
-
-
304 ~ 335MHz
dB
30
50
-
-
342 ~ 360MHz
dB
20
40
-
-
418 ~ 440MHz
dB
15
18
-
-
442 ~ 455MHz
dB
25
47
-
-
456 ~ 531MHz
dB
30
47
-
-
532 ~ 560MHz
dB
33
40
-
-
570 ~ 600MHz
dB
25
45
-
-
632 ~ 668MHz
dB
35
45
-
-
684 ~ 1000MHz
dB
27
37
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
-


Similar Part No. - MP05083

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05086 GOLLEDGE-MP05086 Datasheet
133Kb / 5P
SAW Filter 391.0MHz
More results

Similar Description - MP05083

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RZ TAIYO-YUDEN-FAR-G5KT-942M50-Y4RZ Datasheet
532Kb / 12P
SAW Dual Filter
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
SAW Dual Filter
FAR-G6QC-1G9600-N2FA TAIYO-YUDEN-FAR-G6QC-1G9600-N2FA Datasheet
481Kb / 12P
SAW Dual Filter
G5QT942M5N2VA TAIYO-YUDEN-G5QT942M5N2VA Datasheet
503Kb / 13P
SAW Dual Filter
G6QD1G960N2DY TAIYO-YUDEN-G6QD1G960N2DY Datasheet
569Kb / 13P
SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
SAW Dual Filter
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
SAW Dual Filter
logo
Golledge Electronics Lt...
MA06702 GOLLEDGE-MA06702 Datasheet
121Kb / 4P
SAW Filter 420.0MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com