Electronic Components Datasheet Search
  English  ▼

X  

MP05083 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MP05083
Description  Dual SAW Filter 390.0MHz/420.0MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05083 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MP05083 Datasheet HTML 1Page - Golledge Electronics Ltd MP05083 Datasheet HTML 2Page - Golledge Electronics Ltd MP05083 Datasheet HTML 3Page - Golledge Electronics Ltd MP05083 Datasheet HTML 4Page - Golledge Electronics Ltd MP05083 Datasheet HTML 5Page - Golledge Electronics Ltd MP05083 Datasheet HTML 6Page - Golledge Electronics Ltd MP05083 Datasheet HTML 7Page - Golledge Electronics Ltd MP05083 Datasheet HTML 8Page - Golledge Electronics Ltd MP05083 Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
Dual SAW Filter 390.0MHz/420.0MHz
Model: TE0115A
Part No: MP05083
Rev No: 1
TE0115A v1
2
C. MAXIMUM RATING of FILTER 2:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 12dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
D. ELECTRICAL CHARACTERISTICS of FILTER 2:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
420
-
-
Insertion Loss (410 ~ 430MHz) IL
dB
-
2.2
3.3
-
Amplitude Ripple (410 ~ 430MHz)
dB
-
0.7
2.2
-
Return Loss (410 ~ 430MHz)
dB
8.5
9
-
-
Attenuation (Reference level from 0dB)
0.1 ~ 150MHz
dB
35
52
-
-
204 ~ 216MHz
dB
30
60
-
-
246 ~ 270MHz
dB
30
58
-
-
272 ~ 301MHz
dB
35
56
-
-
328 ~ 344MHz
dB
30
52
-
-
345 ~ 360MHz
dB
25
49
-
-
369 ~ 387MHz
dB
18
43
-
-
451 ~ 473MHz
dB
18
20
-
-
477 ~ 491MHz
dB
25
48
-
-
492 ~ 516MHz
dB
30
45
-
-
532 ~ 573MHz
dB
30
44
-
-
557 ~ 577MHz
dB
38
46
-
-
574 ~ 602MHz
dB
33
45
-
-
602 ~ 1000MHz
dB
27
38
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com