Electronic Components Datasheet Search
  English  ▼

X  

SD-J Datasheet(PDF) 2 Page - CUI INC

Part # SD-J
Description  STANDARD DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-J Datasheet(HTML) 2 Page - CUI INC

  SD-J Datasheet HTML 1Page - CUI INC SD-J Datasheet HTML 2Page - CUI INC SD-J Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: SD-J │ DESCRIPTION: STANDARD DIN CONNECTOR
date 07/24/2018
│ page 2 of 3
45°
4
7
3
5
6
1
2
9
5
1
12
8
4
10
6
2
11
7
3
13
0.7 0.028
45°
4
7
3
5
8
6
1
2
0.9 0.035
41°
45°
7
6
3
4
8
5
1
2
1
3
2
72°
1
4
3
2
45°
4
3
5
1
2
60°
2
3
5
4
1
6
0.7 0.028
45°
35.51.398
24.50.965
6.50.256
4
7
3
5
8
6
1
2
15.80.622
11.80.465
MECHANICAL DRAWINGS
units: mm[inches]
tolerance: ±0.1mm
MATERIAL
PLATING
pins
brass
silver
shell
steel
nickel
insulator (30~80, 130)
PC
insulator (81)
ABS
boot (30~80, 130)
EVA
boot (81)
PE
SD-30J
SD-40J
SD-50J
SD-60J
SD-70J
SD-81J
SD-130J
SD-80J
For more information, please visit the product page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com