Electronic Components Datasheet Search
  English  ▼

X  

SD-J Datasheet(PDF) 1 Page - CUI INC

Part # SD-J
Description  STANDARD DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-J Datasheet(HTML) 1 Page - CUI INC

  SD-J Datasheet HTML 1Page - CUI INC SD-J Datasheet HTML 2Page - CUI INC SD-J Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
cui.com
date 07/24/2018
page 1 of 3
SERIES: SD-J
│ DESCRIPTION: STANDARD DIN CONNECTOR
FEATURES
• plastic bushing
• strain relief
• 3~13 pin options
RoHS
SD - XX J
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
Vac
rated input current
2
A
contact resistance
50
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
1,000
Vac
operating temperature
-5
110
°C
RoHS
2011/65/EU
Pin Options
30 = 3 pins
40 = 4 pins
50 = 5 pins
60 = 6 pins
70 = 7 pins
80 = 8 pins
81 = 8 pins
130 = 13 pins
For more information, please visit the product page.


Similar Part No. - SD-J

ManufacturerPart #DatasheetDescription
logo
API Delevan
SD-019-101-411 API-SD-019-101-411 Datasheet
337Kb / 2P
Surface-Mount Photodiode Assembly
SD-019-111-411 API-SD-019-111-411 Datasheet
321Kb / 2P
Surface-Mount Photodiode Assembly
SD-019-141-411-IR920 API-SD-019-141-411-IR920 Datasheet
252Kb / 2P
Surface-Mount Photodiode Assembly
SD-019-141-411-R API-SD-019-141-411-R Datasheet
332Kb / 2P
Surface-Mount Filtered Photodiode Assembly
SD-040-101-411 API-SD-040-101-411 Datasheet
403Kb / 2P
Surface-Mount Photodiode Assembly
More results

Similar Description - SD-J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com