Electronic Components Datasheet Search
  English  ▼

X  

OPA187 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 12Page - Texas Instruments OPA187 Datasheet HTML 13Page - Texas Instruments OPA187 Datasheet HTML 14Page - Texas Instruments OPA187 Datasheet HTML 15Page - Texas Instruments OPA187 Datasheet HTML 16Page - Texas Instruments OPA187 Datasheet HTML 17Page - Texas Instruments OPA187 Datasheet HTML 18Page - Texas Instruments OPA187 Datasheet HTML 19Page - Texas Instruments OPA187 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
GM1
+IN
-IN
CHOP1
CHOP2
Notch
Filter
GM_FF
GM2
GM3
C2
C1
OUT
V+
V-
Copyright © 2016, Texas Instruments Incorporated
16
OPA187, OPA2187, OPA4187
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPAx187 operational amplifier combines precision offset and drift with excellent overall performance,
making the device ideal for many precision applications. The precision offset drift of only 0.001 µV/°C provides
stability over the entire temperature range. In addition, this device offers excellent overall performance with high
CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance power supplies require
decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are adequate.
The OPAx187 device is part of a family of zero-drift, low-power, rail-to-rail output operational amplifiers. These
devices operate from 4.5 V to 36 V, are unity-gain stable, and are suitable for a wide range of general-purpose
applications. The zero-drift architecture provides ultra-low input offset voltage and near-zero input offset voltage
drift over temperature and time. This choice of architecture also offers outstanding ac performance, such as ultra-
low broadband noise and zero flicker noise.
7.2 Functional Block Diagram
Figure 36 shows a representation of the proprietary OPAx187 architecture. Functional blocks CHOP1 and
CHOP2 operate such that the non-idealities of GM1 are cancelled while the input signal is left in-phase. The
integrated notch filter of the OPAx187 family suppresses most of the auto-zero amplifier carrier.
Figure 36. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com