Electronic Components Datasheet Search
  English  ▼

X  

OPA187 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 13Page - Texas Instruments OPA187 Datasheet HTML 14Page - Texas Instruments OPA187 Datasheet HTML 15Page - Texas Instruments OPA187 Datasheet HTML 16Page - Texas Instruments OPA187 Datasheet HTML 17Page - Texas Instruments OPA187 Datasheet HTML 18Page - Texas Instruments OPA187 Datasheet HTML 19Page - Texas Instruments OPA187 Datasheet HTML 20Page - Texas Instruments OPA187 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Time (40 ms/div)
C017
V
OUT
V
IN
17
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
7.3 Feature Description
The OPAx187 is unity-gain stable and free from unexpected output phase reversal. This device uses a
proprietary, periodic autocalibration technique to provide ultra-low input offset voltage and near zero input offset
voltage drift over temp and temperature. For lowest offset voltage and precision performance, optimize circuit
layout and mechanical conditions. Avoid temperature gradients that create thermoelectric (Seebeck) effects in
the thermocouple junctions formed from connecting dissimilar conductors. Cancel these thermally-generated
potentials by making sure they are equal on both input pins. Other layout and design considerations include:
Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
Thermally isolate components from power supplies or other heat sources.
Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Follow these guidelines to reduce the likelihood of junctions being at different temperatures, which may cause
thermoelectric voltages of 0.1 µV/°C or higher, depending on the materials used.
7.3.1 Operating Characteristics
The OPAx187 device is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V). Many specifications apply
from –40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics section.
7.3.2 Phase-Reversal Protection
The OPAx187 device has an internal phase-reversal protection. Many op amps exhibit a phase reversal when
the input is driven beyond its linear common-mode range. This condition is most often encountered in non-
inverting circuits when the input is driven beyond the specified common-mode voltage range, causing the output
to reverse into the opposite rail. The OPAx187 input prevents phase reversal with excessive common-mode
voltage. Instead, the output limits into the appropriate rail. Figure 37 shows this performance.
Figure 37. No Phase Reversal
7.3.3 Input Bias Current Clock Feedthrough
Zero-drift amplifiers, such as the OPAx187, use switching on their inputs to correct for the intrinsic offset and drift
of the amplifier. Charge injection from the integrated switches on the inputs can introduce very short transients in
the input bias current of the amplifier. The extremely short duration of these pulses prevents them from being
amplified, however they may be coupled to the output of the amplifier through the feedback network. The most
effective method to prevent transients in the input bias current from producing additional noise at the amplifier
output is to use a low-pass filter such as an RC network.
7.3.4 Internal Offset Correction
The OPAx187 op amp uses an auto-calibration technique with a time-continuous 125-kHz op amp in the signal
path. This amplifier is zero-corrected every 22 μs using a proprietary technique. Upon power-up, the amplifier
requires approximately 100 μs to achieve the specified VOS accuracy. This design has no aliasing or flicker noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com