Electronic Components Datasheet Search
  English  ▼

X  

POPA207IDBVR Datasheet(PDF) 18 Page - Texas Instruments

Part # POPA207IDBVR
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA207IDBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button POPA207IDBVR Datasheet HTML 14Page - Texas Instruments POPA207IDBVR Datasheet HTML 15Page - Texas Instruments POPA207IDBVR Datasheet HTML 16Page - Texas Instruments POPA207IDBVR Datasheet HTML 17Page - Texas Instruments POPA207IDBVR Datasheet HTML 18Page - Texas Instruments POPA207IDBVR Datasheet HTML 19Page - Texas Instruments POPA207IDBVR Datasheet HTML 20Page - Texas Instruments POPA207IDBVR Datasheet HTML 21Page - Texas Instruments POPA207IDBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Frequency (Hz)
0
5
10
15
20
25
30
35
40
1
10
100
1k
10k
100k
1M
Vs=±18 V
Vs=±15 V
Vs=±2.25 V
+
±
GND
R2
R1
Bias Current Cancellation Resistor = R1//R2
+
±
GND
IBN
IBP
IBN ~ IBP = IB
IBN ± IBP = IOS << IB
Copyright © 2017, Texas Instruments Incorporated
Not recommended
18
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 44. Bias Current Cancellation Resistor — Not Recommended
7.3.7 Slew Boost
The OPA207 uses a novel internal slew-boost technique. This method allows the OPA207 to consume very low
power yet still achieve a high slew rate of 3.6 V/µs. This makes the OPA207 ideal for applications that require
low noise and high out voltage swings where the high slew rate is necessary to achieve fast settling times.
Figure 45. Full Power Bandwidth
7.3.8 EMI Rejection Ratio (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many operational amplifiers is a change in the offset voltage as a
result of RF signal rectification. An operational amplifier that is more efficient at rejecting this change in offset as
a result of EMI has a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in
many ways, but this report provides the EMIRR IN+, which specifically describes the EMIRR performance when
the RF signal is applied to the noninverting input pin of the operational amplifier. In general, only the noninverting
input is tested for EMIRR for the following three reasons:
1. Operational amplifier input pins are known to be the most sensitive to EMI, and typically rectify RF signals
better than the supply or output pins.
2. The noninverting and inverting operational amplifier inputs have symmetrical physical layouts and exhibit
nearly matching EMIRR performance.
3. EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input terminal
can be isolated on a printed circuit board (PCB). This isolation allows the RF signal to be applied directly to
the noninverting input terminal with no complex interactions from other components or connecting PCB
traces.
A more formal discussion of the EMIRR IN+ definition and test method is provided in TI Application Report EMI
Rejection Ratio of Operational Amplifiers, available for download at www.ti.com. The EMIRR IN+ of the OPA207
is plotted versus frequency as shown in Figure 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com