Electronic Components Datasheet Search
  English  ▼

X  

POPA207IDBVR Datasheet(PDF) 20 Page - Texas Instruments

Part # POPA207IDBVR
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA207IDBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button POPA207IDBVR Datasheet HTML 16Page - Texas Instruments POPA207IDBVR Datasheet HTML 17Page - Texas Instruments POPA207IDBVR Datasheet HTML 18Page - Texas Instruments POPA207IDBVR Datasheet HTML 19Page - Texas Instruments POPA207IDBVR Datasheet HTML 20Page - Texas Instruments POPA207IDBVR Datasheet HTML 21Page - Texas Instruments POPA207IDBVR Datasheet HTML 22Page - Texas Instruments POPA207IDBVR Datasheet HTML 23Page - Texas Instruments POPA207IDBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
=
=
p
4
1
c
3
4
2
5
R
Gain
R
1
f
(1/ R R C C )
2
-
=
+
+
+
+
1 3
2
5
2
2
1
3
4
3
4
2
5
1/ R R C C
Output
(s)
Input
s
(s / C )(1/ R
1/ R
1/ R ) 1/ R R C C
Copyright © 2016, Texas Instruments Incorporated
+
±
Output
Input
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
20
OPA207
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Low-pass filters are commonly employed in signal processing applications to reduce noise and prevent aliasing.
The OPA207 is designed to construct high-precision active filters. Figure 47 shows a second-order, low-pass
filter commonly encountered in signal processing applications.
8.2 Typical Application
Figure 47. Typical OPA207 Application Schematic
8.2.1 Design Requirements
Use the following parameters for this design example:
•
Gain = 5 V/V (inverting gain)
•
Low-pass cutoff frequency = 25 kHz
•
Second-order Chebyshev filter response with 3-dB gain peaking in the passband
8.2.2 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in Figure 47. Use Equation 1
to calculate the voltage transfer function.
(1)
This circuit produces a signal inversion. For this circuit, the gain at dc and the low-pass cutoff frequency are
calculated by Equation 2:
(2)
Software tools are readily available to simplify filter design. WEBENCH® Filter Designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH Filter Designer lets designers create optimized
filter designs using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web-based tool from the WEBENCH® Design Center, WEBENCH® Filter Designer allows to
design, optimize, and simulate complete multi-stage active filter solutions within minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com