Electronic Components Datasheet Search
  English  ▼

X  

VSC7710 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7710
Description  Photodetector Transimpedance Amplifier Family for Optical Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7710 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7710 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7710
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52139-0, Rev 2.2
Page 5
04/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Thermal Resistance Calculation
In order to relate the junction temperature to an equivalent case temperature, the following thermal charac-
teristics of the package are provided (note that the thermal conductivity is identical for TO-46 and TO-56 pack-
age styles).
Table 5: Thermal Resistance Calculation for TO-56 and TO-46 Packages.
Chip Size
0.168cm x 0.104cm
Thermal Path
Chip Area A
0.015 cm2
Die height (Tdie)
0.066 cm
Epoxy thickness (Tepoxy)
0.0076 cm
Header thickness (Theader)
(ave. for TO-46 and TO-56)
0.115 cm
Thermal Conductivities
K GaAs
0.55W / cm °C
K epoxy
0.0186W / cm °C
K kovar
0.17W / cm °C
θGaAs
KGaAsA
Tdie
0.066
0.55 x 0.015
= 8
°C/W
==
θepoxy
KepoxyA
Tepoxy
0.0076
0.0186 x 0.015
= 27.24
°C/W
==
θkovar
KkovarA
Tkovar
0.12
0.17 x 0.015
= 47
°C/W
==
θJC
= Thermal Resistance from Junction to Case = (8 + 27.24 + 47) = 82.24
°C/W
Example:
For VSC7710 at nominal supply current of 25mA and VDD = 5V
Temperature rise from junction to case = 0.025A x 5V x 82.24
°C/W = 10.28 °C
TJ
θ
GaAs
θ
EXPOXY
θ
KOVAR
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com