Electronic Components Datasheet Search
  English  ▼

X  

VSC7710 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7710
Description  Photodetector Transimpedance Amplifier Family for Optical Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7710 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7710 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7710
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52139-0, Rev 2.2
Page 7
04/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Notes on Measurement Conditions and Applications
Note 1: Noise Measurement Method
The noise voltage, Vn, at the output is referred back to the noise power at the input through the respon-
sivity R (with R in volts/watts)
The bit error rate can be expressed as:
For a
the parameter Q = 7
The sensitivity(s) at a bit error rate of
is calculated as follows:
where the NEP is in units of milliwatts and S is in dBm, respectively.
DUT
Board
P2
3GHz BW
Hybrid Coupler
HP 437B
with
8481D
Power Sensor
Power Meter
RMS
Output
Noise
P1
The noise voltage, (Vn), is calculated from the Output Noise Power, (Pn), into 50 ohm.
Vn
Pn
50
•
=
NEP
Vn
R
-------
=
BER
1
12
–
×10
=
1
12
–
×10
(Q
)
S = 10 log10
NEP
1mW
,
e(-Q2
/
2)
√2πQ
BER =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com