Electronic Components Datasheet Search
  English  ▼

X  

AH266 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH266
Description  HIGH VOLTAGE HALL EFFECT LATCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH266 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH266 Datasheet HTML 1Page - Diodes Incorporated AH266 Datasheet HTML 2Page - Diodes Incorporated AH266 Datasheet HTML 3Page - Diodes Incorporated AH266 Datasheet HTML 4Page - Diodes Incorporated AH266 Datasheet HTML 5Page - Diodes Incorporated AH266 Datasheet HTML 6Page - Diodes Incorporated AH266 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH266
Document number: DS30876 Rev. 5 - 2
1 of 7
www.diodes.com
December 2013
© Diodes Incorporated
AH266
HIGH VOLTAGE HALL EFFECT LATCH
Description
AH266 is an integrated Hall sensor with output drivers designed for
electronic commutation of brush-less DC motor applications. The
device includes an on-chip Hall voltage generator for magnetic
sensing, a comparator that amplifies the Hall voltage, a Schmitt
trigger to provide switching hysteresis for noise rejection, and
complementary Darlington open-collector drivers for sinking large
current loads. An internal band-gap regulator is used to provide
temperature compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density (B) is larger than operation point (Bop), DO
will turn on (low) and DOB will turn off (high). The output state is
latched prior to reaching release point (Brp). If B< Brp, DO will turn off
and DOB will turn on. AH266 is rated for operation over temperature
range from -20°C to +85°C and voltage range from 4V to 28V. The
devices are available in low cost die forms or rugged 4 pin SIP
packages.
Features
On-Chip Hall Plate
Operating Voltage: 4V to 28V
Output Current: 400mA (Continuous, +25°C)
Reverse Protection Diode Only for Chip Reverse Power
Connecting (Note 1)
Output Protection Zener Breakdown VZ = 62V (Typ.)
Lead Free package: SIP-4
SIP-4: Available in “Green” Molding Compound (No Br, Sb)
RoHS Compliant (Note 2)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Dual-Coil Brushless DC Motor
Dual-Coil Brushless DC Fan
Revolution Counting
Speed Measurement
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
12
4
3
266
Coil 1
Coil 2
Vcc
Brush-Less DC Fan
266
1 24
3
( Top View )
SIP-4
 
Green


Similar Part No. - AH266

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
High Voltage Hall Effect Latch
Rev. 0.1 Mar 25, 2004
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH266 BCDSEMI-AH266 Datasheet
189Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
AH266K-PG-B-A DIODES-AH266K-PG-B-A Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
More results

Similar Description - AH266

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
High Voltage Hall Effect Latch
Rev. 0.1 Mar 25, 2004
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
AH266 BCDSEMI-AH266_07 Datasheet
189Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266 Datasheet
177Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH278 DIODES-AH278 Datasheet
863Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com