Electronic Components Datasheet Search
  English  ▼

X  

AH266 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH266
Description  HIGH VOLTAGE HALL EFFECT LATCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH266 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH266 Datasheet HTML 1Page - Diodes Incorporated AH266 Datasheet HTML 2Page - Diodes Incorporated AH266 Datasheet HTML 3Page - Diodes Incorporated AH266 Datasheet HTML 4Page - Diodes Incorporated AH266 Datasheet HTML 5Page - Diodes Incorporated AH266 Datasheet HTML 6Page - Diodes Incorporated AH266 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AH266
Document number: DS30876 Rev. 5 - 2
3 of 7
www.diodes.com
December 2013
© Diodes Incorporated
AH266
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Conditions
Min
Max
Unit
VCC
Supply Voltage
Operating
4
28
V
TA
Operating Ambient Temperature (Note 7)
Operating
-20
85
°C
Notes:
4. This application circuit can’t protect reverse coil current if power is connecting reverse.
5. Io (con) is 150 mA at +85°C.
6. See Performance Characteristics for other conditions.
7. Shall not exceed PD and Safety Operation Area.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Conditions
Min
Typ.
Max
Unit
Vz
Output Zener Breakdown
Output Turn off
54
62
70
V
VCE (SAT)
Output Saturation Voltage
VCC = 24V, IC = 400mA
-
1.1
1.5
V
ICEX
Output Leakage Current
VCE = 24V, VCC = 24V
-
<
0.1
10
μA
ICC
Supply Current
VCC = 24V, Output Open
-
5
10
mA
tr
Output Rise Time
VCC = 24V, RL = 820
Ω, CL = 20pF
-
1.0
5
µs
tf
Output Falling Time
VCC = 24V, RL = 820
Ω, CL = 20pF
-
1.0
1.5
µs
t
Switch Time Differential
VCC = 24V, RL = 820
Ω, CL = 20pF
-
3.0
10
µs
Test Circuit
266
CL1
CL2
24V
Vout 1 (DO)
Vout 2 (DOB)
RL1 = RL2 = 820 Ohm
CL1 = CL2 = 20 pF
RL2
RL1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com