Electronic Components Datasheet Search
  English  ▼

X  

AL3065A Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL3065A
Description  BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065A Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL3065A Datasheet HTML 8Page - Diodes Incorporated AL3065A Datasheet HTML 9Page - Diodes Incorporated AL3065A Datasheet HTML 10Page - Diodes Incorporated AL3065A Datasheet HTML 11Page - Diodes Incorporated AL3065A Datasheet HTML 12Page - Diodes Incorporated AL3065A Datasheet HTML 13Page - Diodes Incorporated AL3065A Datasheet HTML 14Page - Diodes Incorporated AL3065A Datasheet HTML 15Page - Diodes Incorporated AL3065A Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL3065A
Application Information (continued)
This Device has a High Level of Integrated Built-In Protections:
1) Abnormal Condition
The AL3065A features shutdown at any abnormal condition protection circuit. For example, when the OVP pin voltage exceeds 3.2V, the IC is
latched off. Toggle EN pin to restart the IC. This feature can be used to shut down the IC under any defined abnormal condition.
2) Overvoltage Protection
The AL3065A integrates an OVP circuit. The OVP pin is connected to the center tap of voltage-divider (ROV1 and ROV2) connected between high-
voltage output and GND.
If the voltage at OVP pin exceeds 2.0V, which may result from open loop or excessive output voltage, all of the functions of the AL3065A are
disabled with output voltage falling. The OVP hysteresis is 200mV.
3) Overcurrent Protection
The AL3065A integrates an OCP circuit. The CS pin is connected to the voltage-sensor resistor (RCS) placed between the source of the MOSFET
and GND. If the voltage at CS pin exceeds 0.54V, the MOSFET is turned off immediately and does not turn on until the next cycle begins.
4) LED Short /Open Circuit Protection
When any LED string is short, the voltage at any of the CH1 to CH4 pins exceeds a threshold of approximately 7.3V during normal operation, and
the corresponding channel is latched off. Toggle VIN or EN to reset the latch. LED short detecting logic priority is lower than open LED and OVP
logic. The LED short detecting is triggered when 0.1V < VLED_MIN under dimming on mode, and disabled when LED open occurs until output
voltage resumes to the regulated voltage.
When any LED string is open, VOUT boosts up until the voltage at OVP pin reaches an approximate threshold of 2.0V. The IC automatically
ignores the open string, which has a corresponding pin voltage of less than 100mV, and the remaining string continues operation. If all strings are
open, and the voltage at OVP pin reaches a threshold of 2.0V, the MOSFET drive gate turns off, and the IC shuts down and latches.
5) VOUT Short and Open/Short Schottky Diode Protection
The AL3065A monitors the OVP pin, if the OVP pin voltage is less than 0.1V, MOSFET drive output will turn off. This protects the converter if the
output Schottky diode is open or VOUT is shorted to ground.
The AL3065A features Schottky diode/inductor short-circuit protection circuit. When the CS pin voltage exceeds 0.8V for more than 16 switching
clocks, the IC is latched off. Toggle EN pin to restart the IC. The voltage of CS pin is monitored after a short delay of tLEB.
6) VIN Undervoltage Lockout Protection
The AL3065A provides an undervoltage lockout circuit to prevent the device from undefined status when it starts up. The UVLO circuit shuts down
the device when VIN drops below 3.8V. The UVLO circuit has 200mV hysteresis, which means the device starts up again when VIN rises to 4.0V.
7) Overtemperature Protection
The AL3065A features overtemperature protection. If the junction temperature exceeds approximately +160°C, the IC shuts down until the junction
temperature is less than approximately +140°C. When the IC is released from over temperature shutdown, it starts a soft-start process.
AL3065A
Document number: DS41124 Rev. 1 - 2
13 of 16
www.diodes.com
August 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com