Electronic Components Datasheet Search
  English  ▼

X  

AL3065A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL3065A
Description  BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065A Datasheet(HTML) 2 Page - Diodes Incorporated

  AL3065A Datasheet HTML 1Page - Diodes Incorporated AL3065A Datasheet HTML 2Page - Diodes Incorporated AL3065A Datasheet HTML 3Page - Diodes Incorporated AL3065A Datasheet HTML 4Page - Diodes Incorporated AL3065A Datasheet HTML 5Page - Diodes Incorporated AL3065A Datasheet HTML 6Page - Diodes Incorporated AL3065A Datasheet HTML 7Page - Diodes Incorporated AL3065A Datasheet HTML 8Page - Diodes Incorporated AL3065A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AL3065A
Typical Applications Circuit
VIN
CIN
L
D
COUT1
ROV1
ROV2
VOUT
RISET
ON OFF
RT
RC
CVCC
EN
RT
COMP
VCC
ADIM
GND
ISET
DIM
CH1
OVP
CS
OUT
VIN
CH4
RCS
22
µH
0.15
Ω
22
µF
COUT2
22
µF
1M
Ω
51k
Ω
10k
Ω
10
µF
10k
Ω
10k
Ω
120k
Ω
2.2
µF
1k
Ω
0.22
µF
CC
VCC / DC signal / NC
PWM input
CH2
CH3
Pin Descriptions
Pin Number
Pin Name
Function
SO-16
1
CH4
LED Current Sink 4. If not used—see1- to 3-Channel Recommended Connections.
2
ISET
LED Current Set Pin. The corresponding maximum current of all four strings is set through connecting a
resister from this pin to GND.
3
OVP
Overvoltage Protection Pin. When the OVP pin voltage exceeds 2.0V, the OVP is triggered, and the
power switch is turned off. When the OVP pin voltage drops below Hysteresis voltage, the OVP is
released, and the power switch resumes normal operation.
4
RT
Frequency Control Pin.
5
EN
ON/OFF Control Pin. Forcing this pin voltage above 2.4V enables the IC while forcing below 0.5V shuts
down the IC. When the IC is in shutdown mode, all functions are disabled to reduce the supply current
below 3µA.
6
CS
Power Switch Current Sense Input.
7
OUT
Boost Converter Power Switch Gate Output. This pin outputs high voltage (5V) to drive the external N-
MOSFET.
8
VCC
5V Linear Regulator Output Pin. This pin must be bypassed to GND with a ceramic capacitor.
9
VIN
Supply Input Pin. A capacitor (typical 10µF) must be connected between the VIN and GND to keep the
DC input voltage constant.
10
ADIM
Analog Dimming Pin, which is used in conjunction with DIM. When a DC voltage between 0V and 1.5V is
applied to this pin, analog dimming is achieved if DIM is tied HIGH. When a capacitor is connected
between this pin and GND, the PWM signal applied to the DIM pin is filtered and modulates the output
current. When this pin is connected to a HIGH level, direct PWM dimming is achieved.
11
COMP
Soft-Start and Control Loop Compensation.
12
DIM
PWM Dimming Control Pin, which is used in conjunction with ADIM. Apply the PWM signal to this pin. Tie
this pin to logic HIGH level, for analog dimming.
13
CH1
LED Current Sink 1. If not used—see 1- to 3-Channel Recommended Connections.
14
CH2
LED Current Sink 2. If not used—see 1- to 3-Channel Recommended Connections.
15
GND
Ground.
16
CH3
LED Current Sink 3. If not used—see 1- to 3-Channel Recommended Connections.
AL3065A
Document number: DS41124 Rev. 1 - 2
2 of 16
www.diodes.com
August 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com