Electronic Components Datasheet Search
  English  ▼

X  

AND8031 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8031
Description  Isolated Precision Regulation of a Single 1.8 Volt Output from a Universal Line Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8031 Datasheet(HTML) 1 Page - ON Semiconductor

  AND8031 Datasheet HTML 1Page - ON Semiconductor AND8031 Datasheet HTML 2Page - ON Semiconductor AND8031 Datasheet HTML 3Page - ON Semiconductor AND8031 Datasheet HTML 4Page - ON Semiconductor AND8031 Datasheet HTML 5Page - ON Semiconductor AND8031 Datasheet HTML 6Page - ON Semiconductor AND8031 Datasheet HTML 7Page - ON Semiconductor AND8031 Datasheet HTML 8Page - ON Semiconductor AND8031 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
October, 2000 – Rev. 1
1
Publication Order Number:
AND8031/D
AND8031/D
Isolated Precision
Regulation of a Single
1.8 Volt Output from a
Universal Line Input
Prepared by: Jason Hansen
ON Semiconductor
INTRODUCTION
The following Application Note describes an off–line
switching power supply utilizing a precision programmable
reference to regulate a 1.8 volt output. The center of the app
note is the MC33363B, a monolithic SMPS controller with
a 700 volt power switch, and the NCP100, a sub–one volt
precision programmable reference. The system design and
analysis will be described in detail.
The design requirements are for a universal off–line
converter with a 1.8 volt, 1.0 ampere single output with less
than 50 millivolts ripple and operates at 100 kHz. Most of the
components selected are surface mount. This design is
separated into the generic circuit of the off–line converter
and the feedback network.
Generic Off–Line Conversion Circuit
To reduce the total number of components and thus
minimize circuit board area, an SMPS controller with an
integrated power switch is selected. With the low output
power requirement, the MC33363B is selected as the control
and power switch IC. The MC33363B contains an externally
programmable frequency and current limit, internal startup
circuit and can handle up to 8 watts of output power.
The basic off–line conversion circuit is illustrated in
Figure 1. The line input is filtered through the EMC circuit
then rectified and filtered. The rectified voltage is converted
to a lower voltage via the transformer and the MC33363B.
The secondary of the transformer is rectified to a DC voltage
and filtered. The output voltage controls the duty cycle of the
switcher via the isolated feedback network. The calculated
values are a starting point and do not replace bench testing.
Figure 1. MC33363B Basic Flyback Circuit Schematic
1
3
4
5
6
7
8
16
13
12
11
10
9
MC33363B
Universal
Input
1N4005
R2
4.7
R1
4.7
C1
1 n
D1
D2
D3
D4
U1
4.7
µ
400 V
R4
3.9 k
C6
10
µ
D6
MURS120
D5
MURS160
C5
47 p
R6
2.7 k
R3 30 k
C3 390 p
C4 1
µ
U3
SFH615–4
C10
1
µ
U4
NCP100
R10
7.5 k
R9
12 k
C9
0.1
µ
R12
120
R11
10
Q1
BC858ALT1
D7
MBRD835L
C7
820
µ
+
–
1.8 V
C8
820
µ
C12
1
µ
U2 CTX22–14966
http://onsemi.com
APPLICATION NOTE


Similar Part No. - AND8031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8039 ONSEMI-AND8039 Datasheet
79Kb / 12P
The One-Transistor Forward Converter
November, 2000 ??Rev. 0
More results

Similar Description - AND8031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
logo
Power Integrations, Inc...
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
15W, Universal Input, Single Output, Isolated Converter with TOP233Y
logo
Analog Devices
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1420 AD-ADUM1420 Datasheet
336Kb / 12P
Quad Isolated Precision Gate Driver, 0.1 A Output
REV. A
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
Isolated Precision Gate Driver, 4.0 A Output
REV. 0
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com