Electronic Components Datasheet Search
  English  ▼

X  

AND8031 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AND8031
Description  Isolated Precision Regulation of a Single 1.8 Volt Output from a Universal Line Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8031 Datasheet(HTML) 4 Page - ON Semiconductor

  AND8031 Datasheet HTML 1Page - ON Semiconductor AND8031 Datasheet HTML 2Page - ON Semiconductor AND8031 Datasheet HTML 3Page - ON Semiconductor AND8031 Datasheet HTML 4Page - ON Semiconductor AND8031 Datasheet HTML 5Page - ON Semiconductor AND8031 Datasheet HTML 6Page - ON Semiconductor AND8031 Datasheet HTML 7Page - ON Semiconductor AND8031 Datasheet HTML 8Page - ON Semiconductor AND8031 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AND8031/D
http://onsemi.com
4
TL431
TLV431
NCP100
36
3.75
3.2
16
2.5
1.95
6.0
2.15
1.6
Extended
Range with
PNP
Figure 6. Power Supply Output Voltage Range
Comparison for Programmable Precision References
Figure 5 illustrates an additional 1.0 uF capacitor, C3,
which is required for normal operation of the NCP100.
Bandwidth concerns are raised when a capacitor is placed
from the cathode to anode of the precision reference. Since
the PNP transistor is used to drive the optocoupler, the
cathode current of the NCP100 is amplified by the beta of the
transistor therefore minimizing the effects of C3. R3 is a
factor in the overall gain of the feedback network and R4
limits the current into the diode of the optocoupler. The
roll–off frequency of the feedback network is related to R1
and C2 only. Figure 7 shows the circuit schematic, the gain
and the phase of the TLV431 and the NCP100 with and
without the PNP.
R1
U1
R2
C2
Vout
GND
R3
R1
C3
Q1
U1
R2
C2
Vout
GND
R3
R4
C3
ROSC
ROSC
Figure 7. Schematics for Gain and Phase Comparison of TLV431 and NCP100
Note: C3 only for NCP100
20
0
30
–10
10
–20
40
40
70
60
Figure 8. TLV431 with PNP
50
Figure 9. TLV431 without PNP
Gain
Phase
Gain
Phase
–30
180
90
0
–90
–180
180
90
0
–90
–180
10
100
1 k
10 k
100 k
Frequency (Hz)
10
100
1 k
10 k
100 k
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com