Electronic Components Datasheet Search
  English  ▼

X  

DAC7558 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7558
Description  12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7558 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7558 Datasheet HTML 17Page - Texas Instruments DAC7558 Datasheet HTML 18Page - Texas Instruments DAC7558 Datasheet HTML 19Page - Texas Instruments DAC7558 Datasheet HTML 20Page - Texas Instruments DAC7558 Datasheet HTML 21Page - Texas Instruments DAC7558 Datasheet HTML 22Page - Texas Instruments DAC7558 Datasheet HTML 23Page - Texas Instruments DAC7558 Datasheet HTML 24Page - Texas Instruments DAC7558 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
IOVDD and Level Shifters
INTEGRAL AND DIFFERENTIAL LINEARITY
GLITCH ENERGY
Daisy-Chain Operation
CHANNEL-TO-CHANNEL CROSSTALK
DAC7558
SLAS435 – MAY 2005
falling-edge setup time, t4. After SYNC goes low,
edges are received (following a falling SYNC), the
serial data is shifted into the device's input shift
data stream becomes complete, and SYNC can be
register on the falling edges of SCLK for 24 clock
brought high to update n devices simultaneously.
pulses.
Any
data
and
clock
pulses
after
the
SDO operation is specified at a maximum SCLK
twenty-fourth falling edge of SCLK are ignored. No
speed of 10 MHz.
further serial data transfer occurs until SYNC is taken
Daisy-chain operation is also possible between
high and low again.
octal-channel DAC7558, dual-channel DAC7552, and
SYNC may be taken high after the falling edge of the
single-channel DAC7551 devices. Dasy chaining en-
twenty-fourth SCLK pulse, observing the minimum
ables communication with any number of DAC chan-
SCLK Loop falling-edge to SYNC rising-edge time, t7.
nels using a single serial interface. As long as the
correct number of bits are shifted using a daisy-chain
After the end of serial data transfer, data is automati-
setting, a rising edge of SYNC properly updates all
cally transferred from the input shift register to the
chips in the system. Following a rising edge of SYNC,
input register of the selected DAC. If SYNC is taken
all devices on the daisy chain respond according to
high before the twenty-fourth falling edge of SCLK,
the control bits they receive.
the data transfer is aborted and the DAC input
registers are not updated.
When DCEN is low, the SDO pin is brought to a Hi-Z
The DAC7558 can be used with different logic famil-
state. The first 24 data bits that follow the falling edge
ies that require a wide range of supply voltages (from
of SYNC are stored in the shift register. The rising
1.8 V to 5.5 V). To enable this useful feature, the
edge of SYNC that follows the 24th data bit updates
IOVDD pin must be connected to the logic supply
the DAC(s). If SYNC is brought high before the 24th
voltage of the system. All DAC7558 digital input and
data bit, no action occurs.
output pins are equipped with level-shifter circuits.
Level shifters at the input pins ensure that external
In daisy-chain mode (DCEN = 1) the DAC7558
logic high voltages are translated to the internal logic
requires a falling SCLK edge after the rising SYNC, in
high voltage, with no additional power dissipation.
order to initialize the serial interface for the next
Similarly, the level shifter for the SDO pin translates
update.
the internal logic high voltage (AVDD) to the external
When DCEN is high, data can continuously be shifted
logic high level (IOVDD). For single supply operation,
into the shift register, enabling the daisy-chain oper-
the IOVDD pin can be tied to the AVDD pin.
ation. The SDO pin becomes active and outputs
SDIN data with 24 clock-cycle delay. A rising edge of
SYNC loads the shift register data into the DAC(s).
The loaded data consists of the last 24 data bits
The DAC7558 uses precision thin-film resistors pro-
received into the shift register before the rising edge
viding exceptional linearity and monotonicity. Integral
of SYNC.
linearity error is typically within (+/-) 0.35 LSBs, and
differential linearity error is typically within (+/-) 0.08
If daisy-chain operation is not needed, DCEN should
LSBs.
permanently be tied to a logic-low voltage.
The DAC7558 uses a proprietary architecture that
When the DCEN pin is brought high, daisy chaining is
minimizes glitch energy. The code-to-code glitches
enabled. Serial data output (SDO) pin is provided to
are so low, they are usually buried within the
daisy-chain multiple DAC7558 devices in a system.
wide-band noise and cannot be easily detected. The
As long as SYNC is high or DCEN is low the SDO pin
DAC7558 glitch is typically well under 0.1 nV-s. Such
is in a high-impedance state. When SYNC is brought
low glitch energy provides more than 10X improve-
low the output of the internal shift register is tied to
ment over industry alternatives.
the SDO pin. As long as SYNC is low and DCEN is
high, SDO duplicates the SDIN signal with 24-cycle
delay. To support multiple devices in a daisy-chain,
SCLK and SYNC signals are shared across all
The DAC7558 architecture is designed to minimize
devices and SDO of one DAC7558 should be tied to
channel-to-channel crosstalk. The voltage change in
the SDIN of the next DAC7558. For n devices in such
one channel does not affect the voltage output in
a daisy chain, 24n SCLK cycles are required to shift
another channel. The DC crosstalk is in the order of a
the entire input data stream. After 24n SCLK falling
few microvolts. AC crosstalk is also less than –100
dBs. This provides orders of magnitude improvement
over certain competing architectures.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com