Electronic Components Datasheet Search
  English  ▼

X  

DAC7558 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7558
Description  12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7558 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC7558 Datasheet HTML 17Page - Texas Instruments DAC7558 Datasheet HTML 18Page - Texas Instruments DAC7558 Datasheet HTML 19Page - Texas Instruments DAC7558 Datasheet HTML 20Page - Texas Instruments DAC7558 Datasheet HTML 21Page - Texas Instruments DAC7558 Datasheet HTML 22Page - Texas Instruments DAC7558 Datasheet HTML 23Page - Texas Instruments DAC7558 Datasheet HTML 24Page - Texas Instruments DAC7558 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Waveform Generation
Generating ±5-V, ±10-V, and ± 12-V Outputs For
DAC7558
REFIN
DAC7558
_
+
Vdac
R2
R1
REF3140
Vref
Vtail
VOUT
OPA4130
V
OUT +
V
REF
R2
R1 )
1
Din
4096 *
V
tail
R2
R1
(1)
DAC7558
SLAS435 – MAY 2005
glitches can also slow the loop down. With its 1
MSPS (small-signal) maximum data update rate,
DAC7558 can support high-speed control loops.
Ultra-low glitch energy of the DAC7558 significantly
Due to its exceptional linearity, low glitch, and low
improves loop stability and loop settling time.
crosstalk, the DAC7558 is well suited for waveform
generation (from DC to 10 kHz). The DAC7558
Generating Industrial Voltage Ranges:
large-signal settling time is 5 µs, supporting an
For control loop applications, DAC gain and offset
update rate of 200 KSPS. However, the update rates
errors are not important parameters. This could be
can exceed 1 MSPS if the waveform to be generated
exploited to lower trim and calibration costs in a
consists of small voltage steps between consecutive
high-voltage control circuit design. Using a quad
DAC updates. To obtain a high dynamic range,
operational amplifier (OPA4130), and a voltage refer-
REF3140 (4.096 V) or REF02 (5.0 V) are rec-
ence (REF3140), the DAC7558 can generate the
ommended for reference voltage generation.
wide voltage swings required by the control loop.
Precision Industrial Control
Industrial control applications can require multiple
feedback loops consisting of sensors, ADCs, MCUs,
DACs, and actuators. Loop accuracy and loop speed
are the two important parameters of such control
loops.
Loop Accuracy:
In a control loop, the ADC has to be accurate. Offset,
gain, and the integral linearity errors of the DAC are
Figure 45. Low-cost, Wide-swing Voltage Gener-
not factors in determining the accuracy of the loop.
ator for Control Loop Applications
As long as a voltage exists in the transfer curve of a
monotonic DAC, the loop can find it and settle to it.
The output voltage of the configuration is given by:
On the other hand, DAC resolution and differential
linearity do determine the loop accuracy, because
each DAC step determines the minimum incremental
change the loop can generate. A DNL error less than
Fixed R1 and R2 resistors can be used to coarsely
–1 LSB (non-monotonicity) can create loop instability.
set the gain required in the first term of the equation.
A DNL error greater than +1 LSB implies unnecess-
Once R2 and R1 set the gain to include some
arily large voltage steps and missed voltage targets.
minimal over-range, four DAC7558 channels could be
With high DNL errors, the loop looses its stability,
used to precisely set the required offset voltages.
resolution, and accuracy. Offering 12-bit ensured
Residual errors are not an issue for loop accuracy
monotonicity and ± 0.08 LSB typical DNL error, 755X
because offset and gain errors could be tolerated.
DACs are great choices for precision control loops.
Four DAC7558 channels can provide the Vtail volt-
Loop Speed:
ages to minimize offset error, while the other four
DAC7558 channels provide Vdac voltages to gener-
Many factors determine control loop speed. Typically,
ate four high-voltage outputs.
the ADC's conversion time, and the MCU's compu-
tation time are the two major factors that dominate
For ±5-V operation: R1=10 k
Ω, R2 = 15 kΩ, V
tail =
the time constant of the loop. DAC settling time is
3.33 V, VREF = 4.096 V
rarely a dominant factor because ADC conversion
For ±10-V operation: R1=10 k
Ω, R2 = 39 kΩ, V
tail =
times usually exceed DAC conversion times. DAC
2.56 V, VREF = 4.096 V
offset, gain, and linearity errors can slow the loop
down only during the start-up. Once the loop reaches
For ±12-V operation: R1=10 k
Ω, R2 = 49 kΩ, V
tail =
its steady-state operation, these errors do not affect
2.45 V, VREF = 4.096 V
loop speed any further. Depending on the ringing
characteristics of the loop's transfer function, DAC
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com