Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3188
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 4 Page - Analog Devices

  ADP3188 Datasheet HTML 1Page - Analog Devices ADP3188 Datasheet HTML 2Page - Analog Devices ADP3188 Datasheet HTML 3Page - Analog Devices ADP3188 Datasheet HTML 4Page - Analog Devices ADP3188 Datasheet HTML 5Page - Analog Devices ADP3188 Datasheet HTML 6Page - Analog Devices ADP3188 Datasheet HTML 7Page - Analog Devices ADP3188 Datasheet HTML 8Page - Analog Devices ADP3188 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP3418
Rev. B | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
–0.3 V to +15 V
BST
DC
–0.3 V to VCC + 15 V
<200 ns
–0.3 V to 36 V
BST to SW
–0.3 V to +15 V
SW
DC
–5 V to +15 V
< 200 ns
–10 V to +25 V
DRVH
SW – 0.3 V to BST + 0.3 V
DRVL (< 200 ns)
–2 V to VCC + 0.3 V
All Other Inputs and Outputs
–0.3 V to VCC + 0.3 V
Operating Ambient Temperature
Range
0°C to 85°C
Operating Junction Temperature
Range
0°C to 150°C
Storage Temperature Range
–65°C to +150°C
Junction-to-Air Thermal Resistance
(θJA)
2-Layer Board
123°C/W
4-Layer Board
90°C/W
Lead Temperature (Soldering, 10 s)
300°C
Infrared (15 s)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Absolute maximum ratings apply individually
only, not in combination. Unless otherwise specified, all voltages
are referenced to PGND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com