Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3188
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 1 Page - Analog Devices

  ADP3188 Datasheet HTML 1Page - Analog Devices ADP3188 Datasheet HTML 2Page - Analog Devices ADP3188 Datasheet HTML 3Page - Analog Devices ADP3188 Datasheet HTML 4Page - Analog Devices ADP3188 Datasheet HTML 5Page - Analog Devices ADP3188 Datasheet HTML 6Page - Analog Devices ADP3188 Datasheet HTML 7Page - Analog Devices ADP3188 Datasheet HTML 8Page - Analog Devices ADP3188 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Bootstrapped 12 V MOSFET
Driver with Output Disable
ADP3418
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
All-in-one synchronous buck driver
Bootstrapped high-side drive
1 PWM signal generates both drives
Anticross-conduction protection circuitry
Output disable control turns off both MOSFETs to float the
output per Intel® VRM 10 and AMD Opteron specifications
APPLICATIONS
Multiphase desktop CPU supplies
Single-supply synchronous buck converters
GENERAL DESCRIPTION
The ADP3418 is a dual, high voltage MOSFET driver optimized
for driving two N-channel MOSFETs, the two switches in a
nonisolated, synchronous, buck power converter. Each of the
drivers is capable of driving a 3000 pF load with a 30 ns transition
time. One of the drivers can be bootstrapped, and is designed to
handle the high voltage slew rate associated with floating high-
side gate drivers. The ADP3418 includes overlapping drive
protection to prevent shoot-through current in the external
MOSFETs. The OD pin shuts off both the high-side and the
low-side MOSFETs to prevent rapid output capacitor discharge
during system shutdowns.
The ADP3418 is specified over the commercial temperature
range of 0°C to 85°C, and is available in an 8-lead SOIC
package.
FUNCTIONAL BLOCK DIAGRAM
R
SQ
Q
CMP
1V
VCC
6
DELAY
DELAY
5
7
CMP
2
3
OD
4
ADP3418
CVCC
BST
VCC
DRVH
SW
DRVL
PGND
IN
6
1
CBST1
RBST1
8
RG
CBST2
D1
TO
INDUCTOR
Q1
Q2
12V
Figure 1.


Similar Part No. - ADP3188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
ADP3188JRQZ-REEL AD-ADP3188JRQZ-REEL Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
ADP3188JRUZ-REEL AD-ADP3188JRUZ-REEL Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
More results

Similar Description - ADP3188

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
7/05-Revision 0
ADP3118 AD-ADP3118 Datasheet
370Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
4/05-Revision 0
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
6/05-Revision 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com