Electronic Components Datasheet Search
  English  ▼

X  

1014530 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1014530
Description  Connector - PRC 5-FC-MS6 8-21
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1014530 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1014530 Datasheet HTML 1Page - PHOENIX CONTACT 1014530 Datasheet HTML 2Page - PHOENIX CONTACT 1014530 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1014530
02/28/2019   Page 1 / 3
Connector - PRC 5-FC-MS6 8-21 - 1014530
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Circular connectors (cable-side), Connector, color: black, number of positions: 5, Min. wire cross section:
1.5 mm², Max. conductor cross section: 6 mm², nom. voltage: 690 V AC, Rated current: 35 A, Connection
method: Screw connection, Type of contact: Pin, Min. cable diameter: 8 mm, Max. cable diameter: 21 mm
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626494524
Technical data
General data
Number of positions
5
Protection class
II
Color
black
Locking type
Snap-in locking
Insertion/withdrawal cycles
100
Degree of protection (when plugged in)
IP66 / IP68 (2m / 24h) / IP69K
Connection data
Rated current
35 A (With 6 mm² conductor cross section in accordance with
IEC 61984)
32 A (With 6 mm² conductor cross section in accordance with
IEC 61535)
30 A (With 6 mm²/AWG 10, in accordance with UL 2238)
35 A (With 6 mm²/AWG 10, in accordance with UL 2238)
Nominal voltage ATD
690 V AC (in accordance with IEC 61984)
500 V AC (in accordance with IEC 61535 / 2 PfG 1915)
600 V AC (In accordance with UL 2238)
Rated voltage (III/2)
690 V
Conductor cross section flexible min.
1.5 mm²


Similar Part No. - 1014530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014531 PHOENIX-1014531 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 16-21
More results

Similar Description - 1014530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014498 PHOENIX-1014498 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 8-21
1014502 PHOENIX-1014502 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 8-12
1014505 PHOENIX-1014505 Datasheet
61Kb / 3P
Connector - PRC 5-FC-MS6 16-21
1014506 PHOENIX-1014506 Datasheet
61Kb / 3P
Connector - PRC 5-FC-MS6 12-16
1014522 PHOENIX-1014522 Datasheet
61Kb / 3P
Connector - PRC 5-FC-MS6 8-12
1014531 PHOENIX-1014531 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 16-21
1017632 PHOENIX-1017632 Datasheet
102Kb / 3P
Coupler connector - PRC 5-FC-FS6 8-21 HR
1410656 PHOENIX-1410656 Datasheet
63Kb / 3P
Connector - PRC 5-FC-FS6 8-21
1437019 PHOENIX-1437019 Datasheet
278Kb / 5P
CBC-PRC 3-FC-MS6 8-21 400V - Connector
1453450 PHOENIX-1453450 Datasheet
278Kb / 5P
CBC-PRC 3-FC-MS6 8-21 800V - Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com