Electronic Components Datasheet Search
  English  ▼

X  

1014530 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1014530
Description  Connector - PRC 5-FC-MS6 8-21
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1014530 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1014530 Datasheet HTML 1Page - PHOENIX CONTACT 1014530 Datasheet HTML 2Page - PHOENIX CONTACT 1014530 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1014530
02/28/2019   Page 2 / 3
Connector - PRC 5-FC-MS6 8-21 - 1014530
Technical data
Connection data
Conductor cross section flexible max.
6 mm²
Conductor cross section solid min.
1.5 mm²
Conductor cross section solid max.
6 mm²
Stripping length
12 mm
Torque
max. 1 Nm (Contact screw)
Type of contact
Pin
Stripping length of the sheath
50 mm
Material data
Flammability rating according to UL 94
V0
Standards and Regulations
Flammability rating according to UL 94
V0
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E221474-20150513
 
 
Nominal voltage UN
600 V
Nominal current IN
30 A
mm²/AWG/kcmil
10
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E221474-20150513
 
 
Nominal voltage UN
600 V
Nominal current IN
22 A
mm²/AWG/kcmil
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com