Electronic Components Datasheet Search
  English  ▼

X  

1017635 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1017635
Description  Coupler connector - PRC 3-FC-FS6 8-21 HR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1017635 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1017635 Datasheet HTML 1Page - PHOENIX CONTACT 1017635 Datasheet HTML 2Page - PHOENIX CONTACT 1017635 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1017635
02/28/2019   Page 1 / 3
Coupler connector - PRC 3-FC-FS6 8-21 HR - 1017635
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Circular connectors (cable-side), Coupler connector, type: Release with tool or by hand (see accessories),
Housing material: PPE, color: black, number of positions: 3, Min. wire cross section: 1.5 mm², Max. conductor
cross section: 6 mm², nom. voltage: 690 V AC, Rated current: 35 A, Connection method: Screw connection,
Type of contact: Socket, Min. cable diameter: 8 mm, Max. cable diameter: 21 mm
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626500775
Technical data
General data
Number of positions
3
Protection class
II
Color
black
Locking type
Snap-in locking
Insertion/withdrawal cycles
100
Pull-out-force
150 N ± 50 N
Insertion force
30 N ±10 N
Degree of protection (when plugged in)
IP66 / IP68 (2m / 24h) / IP69K
Connection data
Rated current
35 A (With 6 mm² conductor cross section in accordance with
IEC 61984)
35 A (With 6 mm²/AWG 10, in accordance with UL 2238)
Nominal voltage ATD
690 V AC (in accordance with IEC 61984)
600 V AC (In accordance with UL 2238)
Rated voltage (III/2)
690 V
Conductor cross section flexible min.
1.5 mm²
Conductor cross section flexible max.
6 mm²


Similar Part No. - 1017635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1017631 PHOENIX-1017631 Datasheet
102Kb / 3P
Coupler connector - PRC 5-FC-FS6 8-12 HR
1017632 PHOENIX-1017632 Datasheet
102Kb / 3P
Coupler connector - PRC 5-FC-FS6 8-21 HR
1017633 PHOENIX-1017633 Datasheet
99Kb / 3P
Coupler connector - PRC 3-FC-FS6 16-21 HR
1017634 PHOENIX-1017634 Datasheet
99Kb / 3P
Coupler connector - PRC 3-FC-FS6 12-16 HR
1017636 PHOENIX-1017636 Datasheet
103Kb / 3P
Coupler connector - PRC 3-FC-FS6 8-12 HR
More results

Similar Description - 1017635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1017626 PHOENIX-1017626 Datasheet
98Kb / 3P
Coupler connector - PRC 5-FC-FS6 16-21 HR
1017631 PHOENIX-1017631 Datasheet
102Kb / 3P
Coupler connector - PRC 5-FC-FS6 8-12 HR
1017632 PHOENIX-1017632 Datasheet
102Kb / 3P
Coupler connector - PRC 5-FC-FS6 8-21 HR
1017633 PHOENIX-1017633 Datasheet
99Kb / 3P
Coupler connector - PRC 3-FC-FS6 16-21 HR
1017634 PHOENIX-1017634 Datasheet
99Kb / 3P
Coupler connector - PRC 3-FC-FS6 12-16 HR
1017636 PHOENIX-1017636 Datasheet
103Kb / 3P
Coupler connector - PRC 3-FC-FS6 8-12 HR
1410659 PHOENIX-1410659 Datasheet
100Kb / 4P
Coupler connector - PRC 3-FC-FS6 16-21
1410661 PHOENIX-1410661 Datasheet
95Kb / 4P
Connector - PRC 3-FC-FS6 8-21
1437004 PHOENIX-1437004 Datasheet
278Kb / 5P
CBC-PRC 3-FC-FS6 8-21 HR 400V - Coupler connector
1441143 PHOENIX-1441143 Datasheet
278Kb / 5P
CBC-PRC 3-FC-FS6 8-21 HR 800V - Coupler connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com