Electronic Components Datasheet Search
  English  ▼

X  

1017635 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1017635
Description  Coupler connector - PRC 3-FC-FS6 8-21 HR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1017635 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1017635 Datasheet HTML 1Page - PHOENIX CONTACT 1017635 Datasheet HTML 2Page - PHOENIX CONTACT 1017635 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1017635
02/28/2019   Page 2 / 3
Coupler connector - PRC 3-FC-FS6 8-21 HR - 1017635
Technical data
Connection data
Conductor cross section solid min.
1.5 mm²
Conductor cross section solid max.
6 mm²
Stripping length
12 mm
Torque
max. 1 Nm (Contact screw)
Type of contact
Socket
Stripping length of the sheath
50 mm
Material data
Contact material
Cu
Contact surface material
silver-plated
Contact carrier material
PPE
Flammability rating according to UL 94
V0
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
Drawings
Diagram
T [°C]
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
90
100 110
= 6 mm²
= 4 mm²
= 2,5 mm²
= 2,5 mm +1,5 mm
²
²
Dimensional drawing
107,5
32
30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com