Electronic Components Datasheet Search
  English  ▼

X  

SAV-331 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SAV-331
Description  D-PHEMT Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-331 Datasheet(HTML) 1 Page - Mini-Circuits

  SAV-331 Datasheet HTML 1Page - Mini-Circuits SAV-331 Datasheet HTML 2Page - Mini-Circuits SAV-331 Datasheet HTML 3Page - Mini-Circuits SAV-331 Datasheet HTML 4Page - Mini-Circuits SAV-331 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low Noise, Medium Current
D-PHEMT Transistor
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 5
The Big Deal
• Low noise figure, 0.5 dB
• High gain, 24.1 dB
• High IP3, +32.3 dBm
• High P1dB, 19.6 dBm
Product Overview
Mini-Circuits’ SAV-331+ is a MMIC D-PHEMT transistor with an operating frequency range from 10 to 4000
MHz. This model combines high gain with extremely low noise figure, resulting in lower overall system
noise. Low NF and IP3 performance make it an ideal choice for sensitive receivers in communications
systems. Manufactured using highly repeatable D-PHEMT* technology, the unit comes housed in a tiny
4-lead SOT-343 package. This model requires external biasing and matching.
Key Features
Feature
Advantages
Wideband, 10 to 4000 MHz
A single device covers many wireless communications bands including cellular, ISM,
GSM, WCDMA, WiMax, WLAN, and more.
High IP3 vs. DC power consumption
• +32.3 dBm at 300 MHz
• +38.7 dBm at 4000 MHz
The SAV-331+ matches industry leading IP3 performance relative to device size and
power consumption. Enhanced linearity over a broad frequency range makes the
device ideal for use in:
• Driver amplifiers for complex waveform upconverter paths
• Drivers in linearized transmit systems
Combines high gain (24.1 dB) with very
low noise Figure (0.5 dB)
The unique combination of high gain and low noise Figure results in lower overall
system noise.
50Ω
10 to 4000 MHz
* Depletion mode Pseudomorphic High Electron Mobility Transistor.
CASE STYLE: MMM1362
SAV-331+


Similar Part No. - SAV-331

ManufacturerPart #DatasheetDescription
logo
Eravant
SAV-0635331140-2F-U1-QR ERAVANT-SAV-0635331140-2F-U1-QR Datasheet
475Kb / 7P
Quad Ridged, Dual Polarized Horn Antenna, 6 to 53 GHz
Rev 1.3
logo
Structured Cable Produc...
SAV-200X STRUCTURED-CABLE-SAV-200X Datasheet
238Kb / 1P
UltraFlex by SimplyAV 8K 48Gbps HDMI Cable
logo
Mini-Circuits
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
E-PHEMT 0.45-6GHz
SAV-541-D MINI-SAV-541-D Datasheet
321Kb / 5P
E-PHEMT Die
SAV-541-D+ MINI-SAV-541-D+ Datasheet
321Kb / 5P
E-PHEMT Die
More results

Similar Description - SAV-331

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9822T1 MOTOROLA-MRF9822T1 Datasheet
68Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR GaAs PHEMT
logo
TriQuint Semiconductor
TQP13-N TRIQUINT-TQP13-N Datasheet
181Kb / 4P
0.13 um D pHEMT Foundry Service
logo
Freescale Semiconductor...
MMG15241HT1 FREESCALE-MMG15241HT1 Datasheet
766Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT)
MML20211HT1 FREESCALE-MML20211HT1 Datasheet
513Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
logo
Mini-Circuits
TAV1-331 MINI-TAV1-331 Datasheet
287Kb / 5P
D-PHEMT Transistor
TAV2-14LN MINI-TAV2-14LN Datasheet
5Mb / 19P
E-PHEMT Transistor
TAV2-14LN-DG MINI-TAV2-14LN-DG Datasheet
499Kb / 10P
E-PHEMT Transistor Die
TAV1-541 MINI-TAV1-541 Datasheet
836Kb / 14P
E-PHEMT Transistor
TAV1-551 MINI-TAV1-551 Datasheet
253Kb / 5P
E-PHEMT Transistor
REV. OR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com