Electronic Components Datasheet Search
  English  ▼

X  

SAV-331 Datasheet(PDF) 5 Page - Mini-Circuits

Part # SAV-331
Description  D-PHEMT Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-331 Datasheet(HTML) 5 Page - Mini-Circuits

  SAV-331 Datasheet HTML 1Page - Mini-Circuits SAV-331 Datasheet HTML 2Page - Mini-Circuits SAV-331 Datasheet HTML 3Page - Mini-Circuits SAV-331 Datasheet HTML 4Page - Mini-Circuits SAV-331 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D-PHEMT
SAV-331+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 5 of 5
Additional Detailed Technical Information
Additional information is available on our web site www.minicircuits.com. To access this information
enter the model number on our web site home page.
Performance data, graphs, s-parameter data set (.zip file)
Case Style: MMM1362
Plastic molded SOT-343 (SC-70) style package, lead finish: matte tin
Suggested Layout for PCB Design: PL-300
Tape & Reel: F90
Standard quantities availabe on reel: 7” reels with 20, 50, 100, 200, 500, 1K, 2K, or 3K devices.
Characterization Test Board: TB-471+
Environmental Ratings: ENV08T2
Product Marking
33
ESD Rating
Human Body Model (HBM): Class 0 (<250 V) in accordance with ANSI/ESD STM 5.1 - 2001
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDECJ-STD-020D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com