Electronic Components Datasheet Search
  English  ▼

X  

MX205QL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MX205QL
Description  Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX205QL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MX205QL Datasheet HTML 1Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 2Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 3Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 4Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 5Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 6Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 7Page - List of Unclassifed Manufacturers MX205QL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MX205Q SPECIFICATIONS
Analog Electrical Characteristics
Information furnished by MEMSIC is believed to be
accurate and reliable. However, no responsibility is
assumed by MEMSIC for its use, nor for any infringe-
ments of patents or other rights of third parties which
may result from its use. No license is granted by
implications or otherwise under any patent or patent
rights of MEMSIC.
Technical information.
Subject to change without notice.
Page 2 of 8
Data Sheet
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
•
Fax: 978.623.9945
www.memsic.com
MX205Q
MX205Q ANALOG Data Sheet N 8/1/01
NOTES
1Guarantee by measurements of initial offset
and sensitivity.
2
Alignment error is specified as the angle between
the true and indicated axis of sensitivity.
3
Cross-axis sensitivity is the algebraic sum of the
alignment and the inherent sensitivity errors.
4
Specification refers to the maximum change in
parameter from its initial value at 25°C to its
worst case value at Tmin to Tmax of the specified
temperature range.
5
Noise density (µg/
√Hz rms) is the average noise at any
frequency in the bandwidth of the device.
6
The voltage is required to ramp full scale before
making a measurement.
7
Note: Frequency compensating circuit will achieve
160 Hz operations. See Application Note (AN-00MX-002) .
Application boards available.
8
Defined as the output change from ambient to
maximum temperature or minimum. For more
details refer to Application Note (AN-00MX-002).
9
For more details refer to Application Note
(AN-00MX-001).
10
Operating at maximum current drive capabilities,
shifting of baseline sensitivity may occur.
11
Ratiometric analog output voltage will be 44.0%
of VDD, VDA supply.
All min and max specifications are subject to change
without notification.
Temperature Changes8
Delta from 25°C per formula
SIN X (TIN)2.67 = SFIN X (TFIN)2.67
SENSOR
Each axis
Measurement Range
1
Nonlinearity
Best Fit Straight
Alignment Error2
Line
SENSITIVITY
Each axis
ANALOG OUTPUTS
Sensitivity
ZERO g BIAS LEVEL
11
Each axis
2.0
2.2
2.4
V
0g Offset vs.
2.0
mg/°C
Temperature4
NOISE PERFORMANCE
Noise Density 5
@ +25°C
750
1000
µg/
√Hz rms
in 40 Hz Bandwidth
FREQUENCY RESPONSE
3 dB Bandwidth
40
Hz
3 dB Bandwidth7
160
Hz
SELF TEST
Voltage Delta at outputs
Continuous,
@5V Supply
Output rails with
5.0
V
@2.7V Supply
failure
2.7
V
X, Y OUTPUTS
10
Current drive
capabilities,
-2.5
+2.5
mA
source/sink
TEMPERATURE RANGE
Operating Range
Tout Voltage
25°C
1.23
1.25
1.27
V
Temp sensor sensitivity
5
mV/°K
V REFERENCE
9
25°C
2.4
2.5
2.6
V
+/- 5.0
2%
+/- 1.0
+/- 2.5
90
100
110
mV/g
g
% of FS
degrees
Min
Typ Max
Parameter
Conditions
MEMSIC MX205Q
Units
2.7
5.25
V
3.0
3.5
mA
4.0
4.5
mA
200
400
ms
-40
125
°C
POWER SUPPLY
Operating Voltage Range
Specified Performance
Quiescent Supply Current @ 5V
Quiescent Supply Current @ 2.7V
Turn-On Time
6
Measurements @ 25°C Acceleration = 0g unless otherwise noted
VDD, VDA = 5.0V unless otherwise specified
Cross-Axis Sensitivity3
X sensor to Y sensor
+/- 2
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com